Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHV2-0524S/R20 Datasheet(PDF) 5 Page - Recom International Power

Part # RHV2-0524S/R20
Description  2 Watt SIP16 Single and Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RHV2-0524S/R20 Datasheet(HTML) 5 Page - Recom International Power

  RHV2-0524S/R20 Datasheet HTML 1Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 2Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 3Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 4Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.recom-power.com
REV.: 0/2019
ECO-5
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RHV2
Series
Component List Class B
nom. Input Voltage
C
1
L
1
5VDC, 12VDC, 24VDC
10µF, 50VDC MLCC
18µH choke RLS-226
+V
in
-V
in
+V
out
-V
out
-Vin
+Vin
C
1
L
1
-Vout
+Vout
+V
in
-V
in
+V
out
-V
out
-Vin
+Vin
C
1
L
1
-Vout
+Vout
Com
Com
EMC Filtering Suggestions according to EN55032
Single Output
Dual Output
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
case
PCB
potting
black plastic, (UL94V-0)
FR4, (UL94V-0)
epoxy, (UL94V-0)
Package Dimension (LxWxH)
45.0 x 15.0 x 17.0mm
Weight
19.7g typ.
2.54
1 2
14 16
15
embossed logo
Bottom View
0.25±0.10
0.5±0.10
45.0
12 x 2.54 = 30.48
15.0
Top View
Marking
3.45
1 2
14 16
15
Pinning Information
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
14
-Vout
-Vout
15
no pin
Com
16
+Vout
+Vout
Tolerance:
xx.x= ±0.5mm
xx.xx= ±0.25mm
Recommended Footprint Details
Dimension Drawing (mm)
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
tube
520.0 x 26.9 x 17.9mm
Packaging Quantity
10pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
non-condensing
5% - 95% RH max.
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com