Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710LCFQL Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710LCFQL
Description  DLP4710LC 0.47 1080p DMD
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710LCFQL Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLP4710LCFQL Datasheet HTML 17Page - Texas Instruments DLP4710LCFQL Datasheet HTML 18Page - Texas Instruments DLP4710LCFQL Datasheet HTML 19Page - Texas Instruments DLP4710LCFQL Datasheet HTML 20Page - Texas Instruments DLP4710LCFQL Datasheet HTML 21Page - Texas Instruments DLP4710LCFQL Datasheet HTML 22Page - Texas Instruments DLP4710LCFQL Datasheet HTML 23Page - Texas Instruments DLP4710LCFQL Datasheet HTML 24Page - Texas Instruments DLP4710LCFQL Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
°H
°H
°H
°H
1920 × 1080 mirrors
Illumination
Width .
Height
Mirror 0
Mirror 1
Mirror 2
Mirror 3
Mirror 1076
Mirror 1077
Mirror 1078
Mirror 1079
21
DLP4710LC
www.ti.com
DLPS178 – MAY 2020
Product Folder Links: DLP4710LC
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
The structure and qualities of the border around the active array includes a band of partially functional micromirrors called the POM.
These micromirrors are structurally and/or electrically prevented from tilting toward the bright or ON state, but still require an electrical
bias to tilt toward OFF.
6.10 Physical Characteristics of the Micromirror Array
PARAMETER
VALUE
UNIT
Number of active columns
See Figure 16
1920
micromirrors
Number of active rows
See Figure 16
1080
micromirrors
ε
Micromirror (pixel) pitch
See Figure 17
5.4
µm
Micromirror active array
width
Micromirror pitch × number of active columns; see Figure 16
10.368
mm
Micromirror active array
height
Micromirror pitch × number of active rows; see Figure 16
5.832
mm
Micromirror active border
Pond of micromirror (POM)(1)
20
micromirrors/side
Figure 16. Micromirror Array Physical Characteristics
Figure 17. Mirror (Pixel) Pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com