Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710LCFQL Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710LCFQL
Description  DLP4710LC 0.47 1080p DMD
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710LCFQL Datasheet(HTML) 22 Page - Texas Instruments

Back Button DLP4710LCFQL Datasheet HTML 18Page - Texas Instruments DLP4710LCFQL Datasheet HTML 19Page - Texas Instruments DLP4710LCFQL Datasheet HTML 20Page - Texas Instruments DLP4710LCFQL Datasheet HTML 21Page - Texas Instruments DLP4710LCFQL Datasheet HTML 22Page - Texas Instruments DLP4710LCFQL Datasheet HTML 23Page - Texas Instruments DLP4710LCFQL Datasheet HTML 24Page - Texas Instruments DLP4710LCFQL Datasheet HTML 25Page - Texas Instruments DLP4710LCFQL Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
(1079, 1919)
(0, 0)
Off-state
light path
Incident
illumination
light path
Off-state
landed edge
Tilted axis of
pixel rotation
On-state
landed edge
22
DLP4710LC
DLPS178 – MAY 2020
www.ti.com
Product Folder Links: DLP4710LC
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Measured relative to the plane formed by the overall micromirror array.
(2)
Additional variation exists between the micromirror array and the package datums.
(3)
Represents the landed tilt angle variation relative to the nominal landed tilt angle.
(4)
Represents the variation that can occur between any two individual micromirrors, located on the same device or located on different
devices.
(5)
For some applications, it is critical to account for the micromirror tilt angle variation in the overall system optical design. With some
system optical designs, the micromirror tilt angle variation within a device may result in perceivable non-uniformities in the light field
reflected from the micromirror array. With some system optical designs, the micromirror tilt angle variation between devices may result in
colorimetry variations, system efficiency variations or system contrast variations.
(6)
When the micromirror array is landed (not parked), the tilt direction of each individual micromirror is dictated by the binary contents of
the CMOS memory cell associated with each individual micromirror. A binary value of 1 results in a micromirror landing in the ON State
direction. A binary value of 0 results in a micromirror landing in the OFF State direction.
(7)
Micromirror tilt direction is measured as in a typical polar coordinate system: measuring counter-clockwise from a 0° reference which is
aligned with the +X Cartesian axis.
(8)
The time required for a micromirror to nominally transition from one landed state to the opposite landed state.
(9)
The minimum time between successive transitions of a micromirror.
(10) An out-of-specification micromirror is defined as a micromirror that is unable to transition between the two landed states within the
specified Micromirror Switching Time.
6.11 Micromirror Array Optical Characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Micromirror tilt angle
DMD landed state(1)
17
degrees
Micromirror tilt angle tolerance(2) (3) (4) (5)
–1.4
1.4
degrees
Micromirror tilt direction(6) (7)
Landed OFF state
180
degrees
Landed ON state
270
Micromirror crossover time(8)
Typical Performance
1
3
μs
Micromirror switching time(9)
Typical Performance
10
Number of out-of-specification
micromirrors(10)
Adjacent micromirrors
0
micromirrors
Non-adjacent micromirrors
10
Figure 18. Landed Pixel Orientation and Tilt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com