Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710LCFQL Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710LCFQL
Description  DLP4710LC 0.47 1080p DMD
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710LCFQL Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLP4710LCFQL Datasheet HTML 25Page - Texas Instruments DLP4710LCFQL Datasheet HTML 26Page - Texas Instruments DLP4710LCFQL Datasheet HTML 27Page - Texas Instruments DLP4710LCFQL Datasheet HTML 28Page - Texas Instruments DLP4710LCFQL Datasheet HTML 29Page - Texas Instruments DLP4710LCFQL Datasheet HTML 30Page - Texas Instruments DLP4710LCFQL Datasheet HTML 31Page - Texas Instruments DLP4710LCFQL Datasheet HTML 32Page - Texas Instruments DLP4710LCFQL Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Input Level (%)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
D002
Gamma = 2.2
29
DLP4710LC
www.ti.com
DLPS178 – MAY 2020
Product Folder Links: DLP4710LC
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
For example, assume that the ratio of red, green and blue color cycle times are as listed in Table 2 (in order to
achieve the desired white point) then the resulting nominal landed duty cycle for various combinations of red,
green, blue color intensities are as shown in Table 3.
Table 2. Example Landed Duty Cycle for Full-Color
Pixels
Red Cycle
Percentage
Green Cycle
Percentage
Blue Cycle
Percentage
50%
20%
30%
Table 3. Color Intensity Combinations
Red Scale
Value
Green Scale
Value
Blue Scale
Value
Nominal
Landed Duty
Cycle
0%
0%
0%
0/100
100%
0%
0%
50/50
0%
100%
0%
20/80
0%
0%
100%
30/70
12%
0%
0%
6/94
0%
35%
0%
7/93
0%
0%
60%
18/82
100%
100%
0%
70/30
0%
100%
100%
50/50
100%
0%
100%
80/20
12%
35%
0%
13/87
0%
35%
60%
25/75
12%
0%
60%
24/76
100%
100%
100%
100/0
The last factor to consider when estimating the landed duty cycle is any applied image processing. In the
DLPC34xx controller family, the two functions which influence the actual landed duty cycle are Gamma and
IntelliBright™, and bitplane sequencing rules.
Gamma is a power function of the form Output_Level = A × Input_LevelGamma, where A is a scaling factor that is
typically set to 1.
In the DLPC34xx controller family, gamma is applied to the incoming image data on a pixel-by-pixel basis. A
typical gamma factor is 2.2, which transforms the incoming data as shown in Figure 20.
Figure 20. Example of Gamma = 2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com