Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710LCFQL Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710LCFQL
Description  DLP4710LC 0.47 1080p DMD
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710LCFQL Datasheet(HTML) 30 Page - Texas Instruments

Back Button DLP4710LCFQL Datasheet HTML 26Page - Texas Instruments DLP4710LCFQL Datasheet HTML 27Page - Texas Instruments DLP4710LCFQL Datasheet HTML 28Page - Texas Instruments DLP4710LCFQL Datasheet HTML 29Page - Texas Instruments DLP4710LCFQL Datasheet HTML 30Page - Texas Instruments DLP4710LCFQL Datasheet HTML 31Page - Texas Instruments DLP4710LCFQL Datasheet HTML 32Page - Texas Instruments DLP4710LCFQL Datasheet HTML 33Page - Texas Instruments DLP4710LCFQL Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
30
DLP4710LC
DLPS178 – MAY 2020
www.ti.com
Product Folder Links: DLP4710LC
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
As shown in Figure 20, when the gray scale value of a given input pixel is 40% (before gamma is applied), then
gray scale value is 13% after gamma is applied. Because gamma has a direct impact on the displayed gray
scale level of a pixel, it also has a direct impact on the landed duty cycle of a pixel.
The IntelliBright algorithms content adaptive illumination control (CAIC) and local area brightness boost (LABB)
also apply transform functions on the gray scale level of each pixel.
But while amount of gamma applied to every pixel (of every frame) is constant (the exponent, gamma, is
constant), CAIC and LABB are both adaptive functions that can apply a different amounts of either boost or
compression to every pixel of every frame.
Consideration must also be given to any image processing which occurs before the DLPC3479 controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com