Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5666 Datasheet(PDF) 5 Page - Formosa MS

Part # 2SC5666
Description  2SC5666
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

2SC5666 Datasheet(HTML) 5 Page - Formosa MS

  2SC5666 Datasheet HTML 1Page - Formosa MS 2SC5666 Datasheet HTML 2Page - Formosa MS 2SC5666 Datasheet HTML 3Page - Formosa MS 2SC5666 Datasheet HTML 4Page - Formosa MS 2SC5666 Datasheet HTML 5Page - Formosa MS 2SC5666 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC5666
No.7352-5/6
S パラメータ(エミッタ接地)
VCE=1V, IC=20mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
100
0.618
--42.72
23.610
149.60
0.026
72.24
0.790
--27.83
200
0.529
--74.27
18.319
129.80
0.044
62.28
0.629
--46.47
400
0.441
--112.50
11.603
108.70
0.064
57.35
0.427
--66.16
600
0.410
--133.77
8.264
96.73
0.081
57.08
0.330
--77.07
800
0.391
--146.17
6.377
88.96
0.098
58.13
0.278
--84.38
1000
0.392
--155.66
5.230
82.09
0.114
58.23
0.253
--90.30
1200
0.384
--163.36
4.421
76.40
0.132
58.63
0.236
--97.18
1400
0.382
--169.82
3.811
71.22
0.150
58.66
0.225
--100.40
1600
0.380
--175.23
3.387
66.29
0.167
57.19
0.224
--105.09
1800
0.375
179.48
3.040
61.86
0.183
56.13
0.223
--108.81
2000
0.373
174.13
2.759
57.48
0.201
55.60
0.224
--112.07
2200
0.371
168.30
2.546
53.22
0.218
54.10
0.222
--116.70
2400
0.354
164.25
2.333
49.47
0.234
51.73
0.210
--188.27
2600
0.359
159.82
2.196
46.39
0.252
51.46
0.223
--122.85
2800
0.353
155.08
2.061
42.15
0.267
50.15
0.219
--126.76
3000
0.359
151.50
1.947
38.90
0.285
48.68
0.221
--129.41
VCE=3V, IC=1mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
100
0.979
--8.01
3.212
172.18
0.027
83.62
0.980
--5.69
200
0.969
--16.02
3.145
164.97
0.054
77.88
0.972
--11.21
400
0.935
--31.19
3.003
150.84
0.101
67.28
0.936
--21.65
600
0.896
--45.81
2.854
137.86
0.140
57.41
0.885
--31.17
800
0.841
--58.39
2.652
125.81
0.169
50.17
0.826
--39.37
1000
0.804
--70.63
2.496
115.17
0.192
43.47
0.784
--46.14
1200
0.750
--81.70
2.346
104.72
0.207
37.49
0.734
--52.92
1400
0.703
--91.99
2.157
95.17
0.217
33.26
0.697
--57.77
1600
0.661
--101.18
2.025
86.77
0.222
29.47
0.669
--62.63
1800
0.616
--109.04
1.907
79.04
0.227
26.52
0.643
--66.73
2000
0.575
--116.98
1.783
71.85
0.227
24.28
0.627
--70.63
2200
0.546
--124.19
1.688
64.68
0.229
23.06
0.603
--74.47
2400
0.516
--130.14
1.564
58.81
0.225
20.92
0.592
--76.39
2600
0.493
--136.84
1.507
53.54
0.220
21.44
0.582
--79.98
2800
0.469
--143.06
1.413
47.78
0.218
21.52
0.575
--83.30
3000
0.458
--149.94
1.375
43.64
0.221
22.84
0.570
--86.69
VCE=3V, IC=5mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
100
0.895
--17.00
11.719
164.93
0.027
80.24
0.931
--12.58
200
0.843
--32.71
11.021
151.89
0.048
71.52
0.873
--23.48
400
0.717
--59.47
9.077
131.27
0.081
59.96
0.734
--40.15
600
0.610
--80.49
7.427
115.92
0.101
52.95
0.610
--51.48
800
0.527
--95.40
6.067
104.96
0.115
49.60
0.520
--58.67
1000
0.481
--108.76
5.220
95.80
0.128
47.92
0.468
--64.49
1200
0.440
--119.43
4.503
88.43
0.139
48.04
0.421
--70.05
1400
0.408
--129.14
3.922
81.66
0.150
47.25
0.391
--73.23
1600
0.389
--137.62
3.535
75.58
0.162
47.13
0.371
--77.00
1800
0.367
--144.43
3.197
70.19
0.174
46.76
0.356
--80.26
2000
0.349
--152.28
2.917
65.15
0.184
46.96
0.348
--83.46
2200
0.334
--159.10
2.699
60.25
0.199
46.78
0.336
--87.00
2400
0.313
--163.95
2.467
55.92
0.207
45.92
0.322
--88.01
2600
0.310
--170.55
2.339
52.24
0.221
45.95
0.320
--91.33
2800
0.296
--175.85
2.183
47.62
0.233
45.33
0.313
--94.61
3000
0.300
178.00
2.081
44.35
0.248
45.02
0.311
--98.19



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com