Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5666 Datasheet(PDF) 3 Page - Formosa MS

Part # 2SC5666
Description  2SC5666
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

2SC5666 Datasheet(HTML) 3 Page - Formosa MS

  2SC5666 Datasheet HTML 1Page - Formosa MS 2SC5666 Datasheet HTML 2Page - Formosa MS 2SC5666 Datasheet HTML 3Page - Formosa MS 2SC5666 Datasheet HTML 4Page - Formosa MS 2SC5666 Datasheet HTML 5Page - Formosa MS 2SC5666 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5666
No.7352-3/6
0
2
4
6
8
10
12
14
1.0
23
5
7
10
23
5
7
0
0.5
1.0
2.0
3.0
4.0
5.0
1.5
2.5
3.5
4.5
1.0
23
5
7
10
23
5
7
100
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160
NF -- IC
コレクタ電流, IC -- mA
PC -- Ta
周囲温度, Ta --
°C
IT04881
IT04883
S21e2 -- IC
コレクタ電流, IC -- mA
S21e2 -- IC
コレクタ電流, IC -- mA
IT04879
IT04880
4
6
8
10
12
14
16
18
Zs=50
Ω
Zs=
Zsopt
VCE=3V
1V
f=1GHz
1.0
23
5
7
10
23
5
7
100
VCE=3V
1V
f=2GHz
VCE=1V
f=2GHz
1.0
23
5
7
10
23
5
7
0
0.5
1.0
2.0
3.0
4.0
1.5
2.5
3.5
4.5
5.0
NF -- IC
コレクタ電流, IC -- mA
IT04882
Zs=50
Ω
Zs=
Zsopt
VCE=3V
f=2GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com