Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1101 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 22Page - Texas Instruments TMCS1101 Datasheet HTML 23Page - Texas Instruments TMCS1101 Datasheet HTML 24Page - Texas Instruments TMCS1101 Datasheet HTML 25Page - Texas Instruments TMCS1101 Datasheet HTML 26Page - Texas Instruments TMCS1101 Datasheet HTML 27Page - Texas Instruments TMCS1101 Datasheet HTML 28Page - Texas Instruments TMCS1101 Datasheet HTML 29Page - Texas Instruments TMCS1101 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
IOS Drift (mA)
0
20
40
60
80
100
120
-50
-40
-30
-20
-10
0
10
20
30
40
50
D022
Sensitivity Drift (%)
0
20
40
60
80
100
120
140
160
-1% -.8% -.6% -.4% -.2%
0%
.2%
.4%
.6%
.8%
1%
D020
Sensitivity Drift (%)
0
20
40
60
80
100
120
140
160
180
200
-1% -.8% -.6% -.4% -.2%
0%
.2%
.4%
.6%
.8%
1%
D021
26
TMCS1101
SBOS825A – SEPTEMBER 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Feature Description (continued)
Figure 36. Sensitivity Error after 135°C, 85% RH HAST
Figure 37. Sensitivity Error Drift after AEC-Q100 High
Temperature Operating Life Stress Test
Figure 38. Input-Referred Offset Drift after AEC-Q100 High Temperature Operating Life Stress Test
9.3.3.3 Frequency Response
The TMCS1101 signal chain has a spectral response atypical of a linear analog system due to its discrete time
sampling. The 250 kHz sampling interval implies an effective Nyquist frequency of 125kHz, which limits spectral
response to below this frequency. Higher frequency content than this frequency will be aliased down to lower
spectrums.
The TMCS1101 bandwidth is defined by the -3dB spectral response of the entire signal chain which is
constrained by the sampling frequency. Normalized gain and phase plots across frequency are shown below in
Figure 39 and Figure 40, all variants have the same bandwidth and phase response. Signal content beyond the
3dB bandwidth level will still have significant fundamental frequency transmission through the signal chain, but at
increasing distortion levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com