Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1101 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 1 Page - Texas Instruments

  TMCS1101 Datasheet HTML 1Page - Texas Instruments TMCS1101 Datasheet HTML 2Page - Texas Instruments TMCS1101 Datasheet HTML 3Page - Texas Instruments TMCS1101 Datasheet HTML 4Page - Texas Instruments TMCS1101 Datasheet HTML 5Page - Texas Instruments TMCS1101 Datasheet HTML 6Page - Texas Instruments TMCS1101 Datasheet HTML 7Page - Texas Instruments TMCS1101 Datasheet HTML 8Page - Texas Instruments TMCS1101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Bridge Driver
Passive / PFC
Rectifier
DC V+
AC
DC V±
Controller
Current
Sense
Loads
TMCS1101
TMCS1101
TMCS1101
Current
Sense
Current
Sense
Control
Control
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TMCS1101
SBOS825A – SEPTEMBER 2019 – REVISED MAY 2020
TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With ±600-V
Working Voltage
1
1 Features
1
•
Total error: ±0.51% typical, ±1.15% maximum,
–40ºC to 85ºC
–
Sensitivity error: ±0.5%
–
Offset error: 9 mA
–
Offset drift: 0.04 mA/ºC
–
Linearity error: 0.05%
•
Lifetime and environmental drift: <±0.5%
•
3-kVRMS isolation rating
•
Robust 600-V lifetime working voltage
•
Bidirectional and unidirectional current sensing
•
Zero drift internal reference
•
Operating supply range: 3 V to 5.5 V
•
Signal bandwidth: 80 kHz
•
Multiple sensitivity options:
–
TMCS1101A1U/B: 50 mV/A
–
TMCS1101A2U/B: 100 mV/A
–
TMCS1101A3U/B: 200 mV/A
–
TMCS1101A4U/B: 400 mV/A
•
Safety related certifications (planned)
–
UL 1577 Component Recognition Program
–
IEC/CB 62368-1
2 Applications
•
Motor and load control
•
Inverter and H-bridge current measurements
•
Power factor correction
•
Overcurrent protection
•
DC and ac power monitoring
3 Description
The TMCS1101 is a galvanically isolated Hall-effect
current
sensor
capable
of
dc
or
ac
current
measurement with high accuracy, excellent linearity,
and temperature stability. A low-drift, temperature-
compensated signal chain provides < 1.5% full-scale
error across the device temperature range.
The input current flows through an internal 1.8-mΩ
conductor that generates a magnetic field measured
by an integrated Hall-effect sensor. This structure
eliminates
external
concentrators
and
simplifies
design. Low conductor resistance minimizes power
loss
and
thermal
dissipation.
Inherent
galvanic
insulation provides a 600-V lifetime working voltage
and 3-kVRMS basic isolation between the current path
and circuitry. Integrated electrical shielding enables
excellent
common-mode
rejection
and
transient
immunity.
The output voltage is proportional to the input current
with four sensitivity options. Fixed sensitivity allows
the TMCS1101 to operate from a single 3-V to 5.5-V
power supply, eliminates ratiometry errors, and
improves supply noise rejection. The current polarity
is considered positive when flowing into the positive
input pin. Both unidirectional and bidirectional sensing
variants are available.
The TMCS1101 draws a maximum supply current of
6 mA, and all sensitivity options are specified over the
operating temperature range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMCS1101
SOIC (8)
4.90 mm × 3.90 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application


Similar Part No. - TMCS1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMCS1101 TI1-TMCS1101 Datasheet
746Kb / 31P
TMCS1101 Precision, Isolated Current Sensor With Internal Reference
TMCS1101 TI-TMCS1101 Datasheet
2Mb / 47P
TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101-Q1 TI-TMCS1101-Q1 Datasheet
2Mb / 47P
TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101A1BQDRQ1 TI-TMCS1101A1BQDRQ1 Datasheet
2Mb / 47P
TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101A1UQDRQ1 TI-TMCS1101A1UQDRQ1 Datasheet
2Mb / 47P
TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
More results

Similar Description - TMCS1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMCS1101 TI1-TMCS1101 Datasheet
746Kb / 31P
TMCS1101 Precision, Isolated Current Sensor With Internal Reference
TMCS1100 TI1-TMCS1100_V01 Datasheet
1Mb / 50P
TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1107 TI-TMCS1107 Datasheet
2Mb / 41P
TMCS1107 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
TMCS1108 TI-TMCS1108 Datasheet
2Mb / 40P
TMCS1108 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101-Q1 TI-TMCS1101-Q1 Datasheet
2Mb / 47P
TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1107-Q1 TI-TMCS1107-Q1 Datasheet
2Mb / 42P
TMCS1107-Q1 AEC-Q100, 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
JULY 2021
TMCS1108-Q1 TI-TMCS1108-Q1 Datasheet
2Mb / 40P
TMCS1108-Q1 AEC-Q100, 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
JULY 2021
TMCS1123 TI1-TMCS1123 Datasheet
1Mb / 35P
TMCS1123 Precision Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
JULY 2023
TMCS1126 TI1-TMCS1126 Datasheet
2Mb / 39P
TMCS1126 Precision 500kHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com