Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1101 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 2Page - Texas Instruments TMCS1101 Datasheet HTML 3Page - Texas Instruments TMCS1101 Datasheet HTML 4Page - Texas Instruments TMCS1101 Datasheet HTML 5Page - Texas Instruments TMCS1101 Datasheet HTML 6Page - Texas Instruments TMCS1101 Datasheet HTML 7Page - Texas Instruments TMCS1101 Datasheet HTML 8Page - Texas Instruments TMCS1101 Datasheet HTML 9Page - Texas Instruments TMCS1101 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
TMCS1101
SBOS825A – SEPTEMBER 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
Apply creepage and clearance requirements according to the specific equipment isolation standards of an application. Take care to
maintain the creepage and clearance distance of the board design to make sure that the mounting pads of the isolator on the printed-
circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in certain cases. Techniques
such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these specifications.
(2)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(3)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(4)
All pins on each side of the barrier tied together creating a two-terminal device
7.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
GENERAL
CLR
External clearance(1)
Shortest terminal-to-terminal distance through air
4
mm
CPG
External creepage(1)
Shortest terminal-to-terminal distance across the package
surface
4
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
60
µm
CTI
Comparative tracking index
DIN EN 60112; IEC 60112
>400
V
Material group
II
Overvoltage category
Rated mains voltage
≤ 150 VRMS
I-IV
Rated mains voltage
≤ 300 VRMS
I-III
VIORM
Maximum repetitive peak isolation voltage
AC voltage (bipolar)
600
VPK
VIOWM
Maximum working isolation voltage
AC voltage (sine wave); Time Dependent Dielectric
Breakdown test, see Figure 31
424
VRMS
DC voltage
600
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM = 4242VPK, t = 60 s (qualification);
VTEST = 1.2 × VIOTM = 5090VPK, t = 1 s (100% production)
4242
VPK
VIOSM
Maximum surge isolation voltage(2)
Test method per IEC 62368-1, 1.2/50 µs waveform,
VTEST = 1.3 × VIOSM = 7800VPK (qualification)
6000
VPK
qpd
Apparent charge(3)
Method a: After I/O safety test subgroup 2/3,
Vini = VIOTM = 4242VPK, tini = 60 s;
Vpd(m) = 1.2 × VIORM = 700VPK, tm = 10 s
≤5
pC
Method a: After environmental tests subgroup 1,
Vini = VIOTM = 4242VPK, tini = 60 s;
Vpd(m) = 1.2 × VIORM = 700VPK, tm = 10 s
≤5
Method b3: At routine test (100% production) and
preconditioning (type test)
Vini = 1.2 × VIOTM = 5090VPK, tini = 1 s;
Vpd(m) = 1.2 × VIOTM = 5090VPK, tm = 1 s
≤5
CIO
Barrier capacitance, input to output(4)
VIO = 0.4 sin (2πft), f = 1 MHz
0.6
pF
RIO
Isolation resistance, input to output(4)
VIO = 500 V, TA = 25°C
>1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125°C
>1011
Ω
VIO = 500 V at TS = 150°C
>109
Ω
Pollution degree
2
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO, t = 60 s (qualification); VTEST = 1.2 × VISO,
t = 1 s (100% production)
3000
VRMS
7.7 Safety-Related Certifications
UL
Pending recognition under UL 1577 Component Recognition
Program
Pending certification according to IEC 62368-1 CB
File number: Pending
Client ID number: Pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com