Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1101 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 5Page - Texas Instruments TMCS1101 Datasheet HTML 6Page - Texas Instruments TMCS1101 Datasheet HTML 7Page - Texas Instruments TMCS1101 Datasheet HTML 8Page - Texas Instruments TMCS1101 Datasheet HTML 9Page - Texas Instruments TMCS1101 Datasheet HTML 10Page - Texas Instruments TMCS1101 Datasheet HTML 11Page - Texas Instruments TMCS1101 Datasheet HTML 12Page - Texas Instruments TMCS1101 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
TMCS1101
www.ti.com
SBOS825A – SEPTEMBER 2019 – REVISED MAY 2020
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS = 5 V (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
RTI = referred-to-input. Output voltage is divided by device sensitivity to refer signal to input current. See the Parameter Measurement
Information section.
(5)
Thermally limited by junction temperature. Applies when device mounted on TMCS1101EVM. For more details, see the Safe Operating
Area section.
IOS
Offset error, RTI(3)(4)
TMCS1101A1B
±20
±90
mA
TMCS1101A2B
±10
±60
mA
TMCS1101A3B
±6.5
±45
mA
TMCS1101A4B
±6
±52.5
mA
TMCS1101A1U
±24
±100
mA
TMCS1101A2U
±10
±80
mA
TMCS1101A3U
±11.5
±50
mA
TMCS1101A4U,
±31
±70
mA
Offset error temperature drift, RTI(4)
TMCS1101A1B, TA= –40ºC to +125ºC
±108
±280
µA/°C
TMCS1101A2B, TA= –40ºC to +125ºC
±35
±210
µA/°C
TMCS1101A3B, TA= –40ºC to +125ºC
±37
±185
µA/°C
TMCS1101A4B, TA= –40ºC to +125ºC
±69
±350
µA/°C
TMCS1101A1U, TA= –40ºC to +125ºC
±140
±320
µA/°C
TMCS1101A2U, TA= –40ºC to +125ºC
±90
±220
µA/°C
TMCS1101A3U, TA= –40ºC to +125ºC
±70
±205
µA/°C
TMCS1101A4U, TA= –40ºC to +125ºC
±90
±360
µA/°C
PSRR
Power-supply rejection ratio
VS = 3 V to 5.5 V,
TMCS1101A1U/B,A2U/B,A3U/B, TA= –40ºC to
+125ºC
±1
±3
mV/V
VS = 4.5 V to 5.5 V, TMCS1101A4U/B, TA=
–40ºC to +125ºC
±1
±6.5
mV/V
CMTI
Common mode transient immunity
50
kV/µs
CMRR
Common mode rejection ratio, RTI(4)
DC to 60Hz
5
uA/V
Zero current VOUT
(3)
TMCS1101A<1-4>U
0.1*VS
V/V
Zero current VOUT
(3)
TMCS1101A<1-4>B
0.5*VS
V/V
Noise density, RTI(4)
TMCS1101A1B
380
μA/√Hz
TMCS1101A2B
330
μA/√Hz
TMCS1101A3B
300
μA/√Hz
TMCS1101A4B
225
μA/√Hz
TMCS1101A1U
380
μA/√Hz
TMCS1101A2U
330
μA/√Hz
TMCS1101A3U
300
μA/√Hz
TMCS1101A4U
225
μA/√Hz
INPUT
RIN
Input conductor resistance
IN+ to IN–
1.8
m
Ω
Input conductor resistance temperature drift
TA= –40ºC to +125ºC
4.4
μΩ/°C
G
Magnetic coupling factor
TA= 25ºC
1.1
mT/A
IIN,max
Allowable continuous RMS current (5)
TA= 25ºC
30
A
TA= 85ºC
25
A
TA= 105ºC
22.5
A
TA= 125ºC
16
A
NC (Pin 6) input impedance
Over allowable range, GND < VNC < VS
1
M
Ω
VOLTAGE OUTPUT
ZOUT
Closed loop output impedance
f = 1 Hz to 1 kHz
0.2
Ω
f = 10 kHz
2
Ω
Maximum capacitive load
No sustained oscillation
1
nF
Short circuit output current
VOUT short to ground, short to VS
90
mA
Swing to VS power-supply rail
RL = 10 kΩ to GND, TA= –40ºC to +125ºC
VS – 0.02
VS – 0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com