Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3000PCBA Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF3000PCBA
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3000PCBA Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF3000PCBA Datasheet HTML 12Page - RF Micro Devices RF3000PCBA Datasheet HTML 13Page - RF Micro Devices RF3000PCBA Datasheet HTML 14Page - RF Micro Devices RF3000PCBA Datasheet HTML 15Page - RF Micro Devices RF3000PCBA Datasheet HTML 16Page - RF Micro Devices RF3000PCBA Datasheet HTML 17Page - RF Micro Devices RF3000PCBA Datasheet HTML 18Page - RF Micro Devices RF3000PCBA Datasheet HTML 19Page - RF Micro Devices RF3000PCBA Datasheet HTML 20Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
11-336
RF3000
Rev A4 031216
High Gain Calibration Procedure
Calibration of an IEEE802.11b radio can be accomplished by sending a repetitive pattern to the radio at a known input
power, and adjusting the register settings until all packets are correctly received without errors or missing packets. A sim-
ple procedure is contained outlined as follows.
1. Write the six LSB's of register 21 to the value 011000 (24 decimal). This will decrease the total system gain.
2. Apply an 1Mbps IEEE802.11b signal to the input of the radio of a known input power (-75dBm).
3. Decrease the six LSB's of register 21 by one LSB until all packets are received correctly without dropping any pack-
ets.
4. Since the input power of the reference signal was set to -75dBm (to eliminate effects of thermal noise), calculate the
final register 21 setting by subtracting a known predetermined value from the value found in step 3 of the calibration
procedure.
Low Gain Calibration Procedure
Similar techniques can be applied to calibrate the Low gain settings of the RF3000. As an initial value, the register set-
ting in register 20 should be equal to the value of register 21. Register 20 is provided to allow manufacturing calibration
to account for reverse isolation variances in the T/R switch if used as an additional pad.
Post-AGC
When the Barker code is acquired, the RF3000 assigns the ACQ-bit in the mode register to a 1 and proceeds to extract
the header information. When the start frame delimiter is identified, the RF3000 will assign a 1 to the SFD-bit in the
mode register. The RF3000 will now decode the transmission mode and data length from the header, and check the
header via the 16-bit CRC. The RF3000 will then clock-out 32 bits of header information. This will be the 8-bit RX signal
field, followed by the 8-bit RX service field, and then the 16-bit RX length field. The MAC can also read these values
through the serial port registers 0x04 through 0x07.
The header data will be followed by 16 bit times of no clock transitions.
Immediately before providing data, the RF3000 will drive RX RDY High. The received data will be stable on the rising
edge of DATA CLK
. In the event the header CRC is incorrect, the RF3000 will bring RX RDY high for the duration of the
packet, but no DATA CLK or RX DATA transitions will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com