Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3000PCBA Datasheet(PDF) 21 Page - RF Micro Devices

Part # RF3000PCBA
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3000PCBA Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RF3000PCBA Datasheet HTML 17Page - RF Micro Devices RF3000PCBA Datasheet HTML 18Page - RF Micro Devices RF3000PCBA Datasheet HTML 19Page - RF Micro Devices RF3000PCBA Datasheet HTML 20Page - RF Micro Devices RF3000PCBA Datasheet HTML 21Page - RF Micro Devices RF3000PCBA Datasheet HTML 22Page - RF Micro Devices RF3000PCBA Datasheet HTML 23Page - RF Micro Devices RF3000PCBA Datasheet HTML 24Page - RF Micro Devices RF3000PCBA Datasheet HTML 25Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
11-341
RF3000
Rev A4 031216
Register 0x02 - CCA Control
CCA1, CCA0 - 802.11 CCA Mode:
RSSI_t - 6-bit RSSI threshold value for CCA.
Register 0x03 - Diversity and RSSI Value
* - Read Only
NOTE: The six (6) LSB’s are read-only and reflect the receiver status.
Diversity - RX diversity enable bit.
Default - 0
0 - No diversity, ANT SEL pin is forced to Cpantsel.
1 - Diversity active, RF3000 automatically selects ANT SEL pin.
Cpantsel - Antenna selection bit in non-diversity mode.
Default - 0
0 - ANT SEL forced to 0.
1 - ANT SEL forced to 1.
RSSI5-0 - Output of the RSSI A/D - Read Only
Register 0x04 - RX Signal Field (Read only)
In DSSS modes, this value is the received byte of the received signal field. In FHSS, only the four (4) LSB’s are used.
*** - IEEE802.11b proposed modulation rates not currently supported.
Register 0x05 - RX Length Field MSB’s (Read only)
The upper byte of the length field received.
In DSSS mode, this value is the length in microseconds of the received data packet.
CCA1
CCA0
RSSI_t5
RSSI_t4
RSSI_t3
RSSI_t2
RSSI_t1
RSSI_t0
CCA1
CCA0
CCA Mode
0
0
RSSI Threshold Sensitive
0
1
Acquisition Sensitive
1X
Both
Diversity
Cpantsel
RSSI5 *
RSSI4 *
RSSI3 *
RSSI2 *
RSSI1 *
RSSI0 *
RX_Sig7
RX_Sig6
RX_Sig5
RX_Sig4
RX_Sig3
RX_Sig2
RX_Sig1
RX_Sig0
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Received Mode
00001010
1Mbps DSSS
00010100
2Mbps DSSS
00110111
5.5Mbps DSSS
01101110
11Mbps DSSS
00000000
Reserved
00000001
1.5Mbps FSK***
00000010
Reserved
00000011
2.5Mbps FSK***
00000100
3Mbps FSK***
00000101
3.5Mbps FSK***
00000110
4Mbps FSK***
00000111
4.5Mbps FSK***
RX_LN15
RX_LN14
RX_LN13
RX_LN12
RX_LN11
RX_LN10
RX_LN9
RX_LN8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com