Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3000PCBA Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3000PCBA
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3000PCBA Datasheet(HTML) 3 Page - RF Micro Devices

  RF3000PCBA Datasheet HTML 1Page - RF Micro Devices RF3000PCBA Datasheet HTML 2Page - RF Micro Devices RF3000PCBA Datasheet HTML 3Page - RF Micro Devices RF3000PCBA Datasheet HTML 4Page - RF Micro Devices RF3000PCBA Datasheet HTML 5Page - RF Micro Devices RF3000PCBA Datasheet HTML 6Page - RF Micro Devices RF3000PCBA Datasheet HTML 7Page - RF Micro Devices RF3000PCBA Datasheet HTML 8Page - RF Micro Devices RF3000PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
11-323
RF3000
Rev A4 031216
Notes:
1. AC tests performed with CL=20pF, IOL=2mA, and IOH=-1mA. Input reference level all inputs VCC/2. Test VIH=VCC,
VIL=0V; VOH=VOL=VCC/2.
2. Not tested, but characterized at initial design and at major process/design changes.
3. Measured from VIL to VIH.
4. TX PE must be inactive before going active to generate a new packet.
5. IOUT/QOUT are modulated after last chip of valid data to provide ramp-down time for RF/IF circuits.
6. A new search will begin after last bit of 802.11 packet in 802.11 modes.
7. Centered about 1.7V VREF.
8. Accurate to within ±3dB of final gain setting.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
I/Q ADC
Full Scale Input Voltage
0.7
+10%
VP-P
See Note 7.
Input Bandwidth
11
MHz
Input Capacitance
5
pF
Input Impedance
50
k
Ω
I/Q DAC
Full Scale Output Voltage
200
mV
See Note 7.
Sample Rate
11
MHz
Resolution
6
bits
DNL
0.5
LSB
INL
0.5
1.0
LSB
Tested for monotonicity.
TX VGC DAC
Maximum Gain Output Voltage
1.2
V
Minimum Gain Output Voltage
2.0
V
Resolution
6
bits
DNL
0.5
LSB
INL
0.5
1.0
LSB
Tested for monotonicity.
RX VGC DAC
Maximum Gain Output Voltage
1.2
V
Minimum Gain Output Voltage
2.0
V
Resolution
6
bits
DNL
0.5
LSB
INL
0.5
1.0
LSB
Tested for monotonicity.
Control Port Timing
Characteristics
SPI Mode
Mode Switching Characteristics.
See Figure 3.
C CLK Clock Frequency
6
MHz
fCLK
CS High Time Between
Transmissions
1.1
µSt
CSH
CS Falling to C CLK Edge
22
nS
tCSS
C CLK Low Time
68
nS
tCLKL
C CLK High Time
68
nS
tCLKH
CD IN to C CLK Setup Time
42
nS
tDSU
C CLK Rising to Data Hold Time
16
nS
tDHLD
C CLK Falling to CD OUT Stable
47
nS
tPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com