Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3000PCBA Datasheet(PDF) 20 Page - RF Micro Devices

Part # RF3000PCBA
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3000PCBA Datasheet(HTML) 20 Page - RF Micro Devices

Back Button RF3000PCBA Datasheet HTML 16Page - RF Micro Devices RF3000PCBA Datasheet HTML 17Page - RF Micro Devices RF3000PCBA Datasheet HTML 18Page - RF Micro Devices RF3000PCBA Datasheet HTML 19Page - RF Micro Devices RF3000PCBA Datasheet HTML 20Page - RF Micro Devices RF3000PCBA Datasheet HTML 21Page - RF Micro Devices RF3000PCBA Datasheet HTML 22Page - RF Micro Devices RF3000PCBA Datasheet HTML 23Page - RF Micro Devices RF3000PCBA Datasheet HTML 24Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
11-340
RF3000
Rev A4 031216
Control Port Register Definitions for RF3000
Register 0x00 - Reserved
This register is reserved.
Register 0x01 - Modem Control and RX Status
* - Read Only
This register is used to setup primary operation of the modem.
NOTE: The four (4) LSB’s are read-only and reflect the receiver status.
Mode (3-0) - TX Mode
Default 802.11 1Mbps DSSS, RX mode detected automatically.
NOTE: In 802.11 modes, the received data rate will be accepted from the received header and therefore will be selected
automatically.
Short Preamble - READ ONLY
0 - Long Preamble Received
1 - Short Preamble Received
ACQ - Receiver acquisition status - READ ONLY
0 - Not locked
1 - acquired
SFD - 802.11 SFD status - Read Only
0 - Not found
1 - SFD detected
CRC - 802.11 RX CRC - Read Only
0 - CRC valid
1 - CRC error
R7
R6
R5
R4
R3
R2
R1
R0
Mode 3
Mode 2
Mode 1
Mode 0
Short Preamble*
ACQ *
SFD *
CRC *
Mode 3
Mode 2
Mode 1
Mode 0
Mode ID
Notes
0000
802.11 1Mbps DSSS Default Mode
0001
Reserved
Reserved
0010
802.11 2Mbps DSSS Long preamble
0011
802.11 2Mbps DSSS Short preamble
0100
802.11 5.5Mbps CCK Long preamble
0101
802.11 5.5Mbps CCK Short preamble
0110
802.11 11Mbps CCK
Long preamble
0111
802.11 11Mbps CCK
Short preamble
1000
BPSK
Reserved
1001
QPSK
Reserved
1010
Reserved
Reserved
1011
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com