Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-3000PCBA Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF-3000PCBA
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF-3000PCBA Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF-3000PCBA Datasheet HTML 8Page - RF Micro Devices RF-3000PCBA Datasheet HTML 9Page - RF Micro Devices RF-3000PCBA Datasheet HTML 10Page - RF Micro Devices RF-3000PCBA Datasheet HTML 11Page - RF Micro Devices RF-3000PCBA Datasheet HTML 12Page - RF Micro Devices RF-3000PCBA Datasheet HTML 13Page - RF Micro Devices RF-3000PCBA Datasheet HTML 14Page - RF Micro Devices RF-3000PCBA Datasheet HTML 15Page - RF Micro Devices RF-3000PCBA Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
11-332
RF3000
Rev A4 031216
The RF3000 signals that it is nearing the end of the preamble and header transmission by driving TX RDY high. This sig-
nals the user that transmission data clocks are coming. When the RF3000 is ready to transmit data it will begin clocking
transmit data. Data to be transmitted should be present on TX DATA on the rising edge of DATA CLK. The RF3000 will
only clock in the number of data-bits to fill the specified transmission time.
IEEE802.11b DSSS Transmission Summary
1. TX Mode different:
Write value to the mode register according to table.
2. TX Length different:
Write the number of uS to transmit in the TX length registers.
3. Drive TX PE High and wait for TX RDY to go High.
4. Transmit data must be valid on the rising edge of DATA CLK.
Figure 8 shows the primary interface mode for the RF3000 TX Data port.
The RF3000 has provision for an alternate Transmit Data port interface. In the transmit interface an extra clock is
asserted after TXRDY goes ‘high' and before the first TX data clock on DATA CLK, see Figure 8a. The alternate Transmit
interface is enabled by writing 0x08 into RF3000 Register 0x1C.
TX Q
TX I
TX DATA
TX RDY
TX PE
RX PE
CCA
Data
DATA CLK
Preamble
and Header
Rate Determined from Control Port Register 1
Figure 8. IEEE802.11b Transmit Timing Overview
TX Q
TX I
TX DATA
TX RDY
TX PE
RX PE
CCA
Data
DATA CLK
Preamble and
Header
Rate Determined from Control Port Register 1
Figure 8a. Alternate Transmit Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com