Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-3000PCBA Datasheet(PDF) 15 Page - RF Micro Devices

Part # RF-3000PCBA
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF-3000PCBA Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RF-3000PCBA Datasheet HTML 11Page - RF Micro Devices RF-3000PCBA Datasheet HTML 12Page - RF Micro Devices RF-3000PCBA Datasheet HTML 13Page - RF Micro Devices RF-3000PCBA Datasheet HTML 14Page - RF Micro Devices RF-3000PCBA Datasheet HTML 15Page - RF Micro Devices RF-3000PCBA Datasheet HTML 16Page - RF Micro Devices RF-3000PCBA Datasheet HTML 17Page - RF Micro Devices RF-3000PCBA Datasheet HTML 18Page - RF Micro Devices RF-3000PCBA Datasheet HTML 19Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
11-335
RF3000
Rev A4 031216
Another optional mode has been added to the AGC algorithm. This mode adds a delay into the algorithm after the LNA
gain select is changed to allow enough time for the radio to settle properly. The delay eliminates the possibility of a 'dead
zone' where there is a small range of input power levels with a probability that the AGC will settle to an incorrect gain set-
ting. To enable this mode, Register 0x1D is written to 0x80. In addition, the 6 lsb's of reg20 must be set to 4 higher the 6
lsb's of reg21 because the outcome of the AGC decision step will change. If this mode is not to be used, Register 0x1D
should be written to 0x00.
AGC Calibration
The RF3000 is preprogrammed for a “typical” radio. The default settings of the RF3000 may be used without modifica-
tion, but the conditions of the AGC algorithm may be modified by writing to register 21 and register 20 of the control port.
Register 21 controls an offset to the RXVGC DAC for LNAGS= 1 (high gain mode), and register 20 controls an offset to
the RXVGC DAC for LNAGS=0 (low gain mode). Caution should be taken when setting these registers; incorrect set-
tings can create a “dead zone” between the high/low gain trees. The following figure shows the “typical” settings for the
RXVGC output of the RF3000 during LNAGS=1. Also shown are the expected production variances of an IEEE802.11
radio, and the calibration ranges of the RF3000. Writing to register 21 of the RF3000 will move the range of AGC opera-
tion on the RXVGC pin. For example, if the six LSB's in register 21 are written to 000100b (4 decimal), the starting point
for the AGC algorithm (max gain) will be with a DAC code of 8+4=12 codes, and the LNAGS decision will be made at a
code of 47+4=51 codes. This has the overall effect of decreasing the gain provided by the RF2948 by four D/A codes or
approximately 5dB for both initial AGC setting for detection of saturation and for determining LNAGS. Likewise if the six
LSB's of register 21 are written to 1111000 (-4 decimal), the initial condition that the RF3000 uses to look for saturation
is 8-4=4 codes, and the LNAGS decision is determined at 47-4=43 codes.
Similar to the high gain calibration, register 20 controls an offset into the LNAGS=0 (low gain mode) values that are
applied to the D/A converter. The figure below shows the normal operation range of the RF3000 and the calibration
range that is provided.
Cal Range
Cal Range
Typical RF3000 AGC Range
0
63
824
39
47
D/A Code
Typical
RF2948
Gain
67.8dB
21.7dB
Process
Variation
Process
Variation
Figure 11. High Gain Mode (LNAGS=1) Plot of RXVGC Showing Normal Operation and Calibration Ranges
Cal Range
Cal Range
Typical RF3000 AGC Range
0
63
817
39
54
D/A Code
Typical
RF2948
Gain
67.8dB
13.4dB
Process
Variation
Process
Variation
Figure 12. Low Gain Mode (LNAGS=0) Plot of RXVGC Showing Normal Operation and Calibration Ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com