Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-3000PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF-3000PCBA
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF-3000PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF-3000PCBA Datasheet HTML 1Page - RF Micro Devices RF-3000PCBA Datasheet HTML 2Page - RF Micro Devices RF-3000PCBA Datasheet HTML 3Page - RF Micro Devices RF-3000PCBA Datasheet HTML 4Page - RF Micro Devices RF-3000PCBA Datasheet HTML 5Page - RF Micro Devices RF-3000PCBA Datasheet HTML 6Page - RF Micro Devices RF-3000PCBA Datasheet HTML 7Page - RF Micro Devices RF-3000PCBA Datasheet HTML 8Page - RF Micro Devices RF-3000PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
11-321
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
CCA
RX VGC
802.11
Preamble/
Header
802.11
Preamble/
Header
Control
Port
RXVGC
DAC
Q IN
ADC
TX VGC
DAC
I OUT
DAC
Q OUT
DAC
Mode Control
Tx Length
Tx Signal
Service
RX VGC
ANT SEL
TX VGC
I OUT
Q OUT
M CLK
TX PE
RX PE
TX DATA
TX RDY
SPI
RX RDY
RX DATA
CCA
VREF IN
Q IN
I IN
ADC
I IN
Data Converter
Reference
LNA GS
DATA CLK
RF3000
SPREAD-SPECTRUM BASEBAND MODEM
• IEEE802.11b Wireless LAN Systems
• ISM Band Systems
• Direct Sequence Systems
• Wireless Modems
• Wireless Point-to-Point
The RF3000 is a monolithic CMOS baseband processor.
It is suitable for use in 11Mbps IEEE802.11b wireless
LAN systems, and contains all functions required to con-
vert a spread-spectrum signal to bit stream. The on-chip
equalizer provides protection against multi-path in high
data rate modes. All functions are configurable via an SPI
port. A complete 2.4GHz radio reference design is avail-
able from RFMD.
• On-Chip ADCs and DACs, RSSI, AGC
• BPSK/QPSK/CCK
• 250nS Delay Spread Equalizer
• Supports Antenna Diversity
• Reference Design Available
RF3000
Spread-Spectrum Baseband Modem
RF3000 PCBA
Fully Assembled Evaluation Board
0
Rev A4 031216
0.25
0.19
8° MAX
0° MIN
1.27
0.40
6.20
5.80
0.64
0.30
0.20
4.00
3.80
10.00
9.80
1.75
1.35
0.25
0.10
-A-
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding mold flash.
3. Lead coplanarity - 0.10 with respect to datum "A".
Package Style: SSOP-28


Similar Part No. - RF-3000PCBA

ManufacturerPart #DatasheetDescription
logo
Ningbo Leison Motor Co....
RF-300CA-09550 NINGBO-RF-300CA-09550 Datasheet
595Kb / 1P
MICRO DC MOTOR
RF-300CA-11400 NINGBO-RF-300CA-11400 Datasheet
595Kb / 1P
MICRO DC MOTOR
RF-300CA-11440 NINGBO-RF-300CA-11440 Datasheet
595Kb / 1P
MICRO DC MOTOR
RF-300CA-13300 NINGBO-RF-300CA-13300 Datasheet
595Kb / 1P
MICRO DC MOTOR
RF-300CA-14270 NINGBO-RF-300CA-14270 Datasheet
595Kb / 1P
MICRO DC MOTOR
More results

Similar Description - RF-3000PCBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
Direct Sequence Spread Spectrum Baseband Processor
April 2000
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
Direct Sequence Spread Spectrum Baseband Processo
November 2001
logo
AMI SEMICONDUCTOR
AMIS-50050 AMI-AMIS-50050 Datasheet
362Kb / 10P
Spread Spectrum Baseband Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com