Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-3000PCBA Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF-3000PCBA
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF-3000PCBA Datasheet(HTML) 2 Page - RF Micro Devices

  RF-3000PCBA Datasheet HTML 1Page - RF Micro Devices RF-3000PCBA Datasheet HTML 2Page - RF Micro Devices RF-3000PCBA Datasheet HTML 3Page - RF Micro Devices RF-3000PCBA Datasheet HTML 4Page - RF Micro Devices RF-3000PCBA Datasheet HTML 5Page - RF Micro Devices RF-3000PCBA Datasheet HTML 6Page - RF Micro Devices RF-3000PCBA Datasheet HTML 7Page - RF Micro Devices RF-3000PCBA Datasheet HTML 8Page - RF Micro Devices RF-3000PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
11-322
RF3000
Rev A4 031216
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
+4.0
VDC
Input, Output or I/O Voltage
Ground-0.5 to VCC+0.5
VDC
Voltage
2.7 to 3.6
V
VDDD Output
2.7
VDC
Max. Storage Temperature
-65 to +150
°C
Max. Junction Temperature
+150
°C
Operating Ambient Temperature
-40 to +85
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
DC Electrical
See Figures 15 and 16.
VCC=3.0V to 3.3V+10%,
TZ=-40°C to +85°C
Power Supply Voltage
2.7
3.3
3.6
V
VDDA
TBD
2.2
TBD
V
VDDD, Output Only.
VREF
1.6
1.7
1.8
V
No current draw.
Input Voltage
2.5
VDDA+0.2
V
Logical “1” (VIH)
-0.2
+0.7
V
Logical “0” (VIL)
Output Voltage
TBD
VDDA-1.0
TBD
V
Logical “1” (VOH)
TBD
0.2
0.7
V
Logical “0” (VOL)
Current Consumption
25
TBD
mA
Transmit Mode (ITX)
50
TBD
mA
Receive Mode (IRX)
Sleep Mode
500
500
µA
Mode 1, Reset Active, No Clocks (IS1)
1.5
1.5
mA
Mode 2, Reset Inactive, No Clocks (IS2)
Input Leakage Current
10
µAI
I
Output Leakage Current
10
µAI
O
Output Loading
20
20
pF
AC Electrical
VCC=3.0V to 3.3V+10%,
TA=-40°C to +85°C. See Note 1.
M CLK Duty Cycle
40/60
60/40
%
Rise/Fall
-
10
nS
All outputs. See Notes 2 and 3.
TXPE to IOUT/QOUT
3.0
3.1
µS
1st valid chip. 802.11 modes.
TXDATA to I/QOUT
1.0
µS
TXPE Inactive Width
1
µS
See Notes 2 and 4.
TXRDY Active to
1st DATACLK Hi
500
nS
Setup TXDATA to DATACLK
10
nS
Hold TXDATA to DATACLK Hi
10
nS
Reset to TXPE
100
µS
Reset to RXPE
100
µS
TXDATA Modulation Extension
2
µS
See Notes 2 and 5.
RXPE Inactive Width
0
nS
See Notes 2 and 6.
DATACLK Period
90
nS
11Mbps Mode
DATACLK Width Hi or Low
22
44
68
nS
11Mbps Mode
DATACLK to RX Data
30
nS
RXRDY to 1st DATACLK
40
nS
See Note 2.
RXDATA to 1st DATACLK
40
nS
Setup RXDATA to DATACLK
30
nS
RESET Width Active
40
nS
See Note 2.
RXPE to CCA Valid
15
µS
See Note 2.
RXPE to RSSI Valid
15
µS
See Note 8.
I/QIN to RXDATA
2.25
µS
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com