Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8428PDYYR Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV8428PDYYR
Description  DRV8428E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8428PDYYR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8428PDYYR Datasheet HTML 17Page - Texas Instruments DRV8428PDYYR Datasheet HTML 18Page - Texas Instruments DRV8428PDYYR Datasheet HTML 19Page - Texas Instruments DRV8428PDYYR Datasheet HTML 20Page - Texas Instruments DRV8428PDYYR Datasheet HTML 21Page - Texas Instruments DRV8428PDYYR Datasheet HTML 22Page - Texas Instruments DRV8428PDYYR Datasheet HTML 23Page - Texas Instruments DRV8428PDYYR Datasheet HTML 24Page - Texas Instruments DRV8428PDYYR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
21
DRV8428E, DRV8428P
www.ti.com
SLOSE51 – JUNE 2020
Product Folder Links: DRV8428E DRV8428P
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.3.5 Logic and Seven-Level Pin Diagrams
Figure 11 gives the input structure for logic-level pins APH, AEN, BPH, BEN, AIN1, AIN2, BIN1, BIN2 and
nSLEEP:
Figure 11. Logic-level Input Pin Diagram
Seven-level logic pin DECAY/TOFF has the following structure as shown in Figure 12.
Figure 12. Seven-Level Input Pin Diagram
7.3.6 Protection Circuits
The devices are fully protected against supply undervoltage, charge pump undervoltage, output overcurrent, and
device overtemperature events.
7.3.6.1 VM Undervoltage Lockout (UVLO)
If at any time the voltage on the VM pin falls below the UVLO-threshold voltage for the voltage supply, all the
outputs are disabled. Normal operation resumes when the VM undervoltage condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com