Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8428PDYYR Datasheet(PDF) 39 Page - Texas Instruments

Part # DRV8428PDYYR
Description  DRV8428E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8428PDYYR Datasheet(HTML) 39 Page - Texas Instruments

Back Button DRV8428PDYYR Datasheet HTML 35Page - Texas Instruments DRV8428PDYYR Datasheet HTML 36Page - Texas Instruments DRV8428PDYYR Datasheet HTML 37Page - Texas Instruments DRV8428PDYYR Datasheet HTML 38Page - Texas Instruments DRV8428PDYYR Datasheet HTML 39Page - Texas Instruments DRV8428PDYYR Datasheet HTML 40Page - Texas Instruments DRV8428PDYYR Datasheet HTML 41Page - Texas Instruments DRV8428PDYYR Datasheet HTML 42Page - Texas Instruments DRV8428PDYYR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Jul-2020
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
DRV8428EDYYR
PREVIEW SOT-23-THN
DYY
16
3000
TBD
Call TI
Call TI
-40 to 125
DRV8428EPWPR
PREVIEW
HTSSOP
PWP
16
2000
TBD
Call TI
Call TI
-40 to 125
DRV8428ERTER
PREVIEW
WQFN
RTE
16
3000
TBD
Call TI
Call TI
-40 to 125
DRV8428PDYYR
PREVIEW SOT-23-THN
DYY
16
3000
TBD
Call TI
Call TI
-40 to 125
DRV8428PPWPR
PREVIEW
HTSSOP
PWP
16
2000
TBD
Call TI
Call TI
-40 to 125
DRV8428PRTER
PREVIEW
WQFN
RTE
16
3000
TBD
Call TI
Call TI
-40 to 125
PDRV8428EDYYR
ACTIVE
SOT-23-THN
DYY
16
1
TBD
Call TI
Call TI
-40 to 125
PDRV8428EPWPR
PREVIEW
HTSSOP
PWP
16
1
TBD
Call TI
Call TI
-40 to 125
PDRV8428ERTER
ACTIVE
WQFN
RTE
16
1
TBD
Call TI
Call TI
-40 to 125
PDRV8428PDYYR
PREVIEW SOT-23-THN
DYY
16
1
TBD
Call TI
Call TI
-40 to 125
PDRV8428PPWPR
PREVIEW
HTSSOP
PWP
16
1
TBD
Call TI
Call TI
-40 to 125
PDRV8428PRTER
PREVIEW
WQFN
RTE
16
1
TBD
Call TI
Call TI
-40 to 125
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com