Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8428PDYYR Datasheet(PDF) 30 Page - Texas Instruments

Part # DRV8428PDYYR
Description  DRV8428E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8428PDYYR Datasheet(HTML) 30 Page - Texas Instruments

Back Button DRV8428PDYYR Datasheet HTML 26Page - Texas Instruments DRV8428PDYYR Datasheet HTML 27Page - Texas Instruments DRV8428PDYYR Datasheet HTML 28Page - Texas Instruments DRV8428PDYYR Datasheet HTML 29Page - Texas Instruments DRV8428PDYYR Datasheet HTML 30Page - Texas Instruments DRV8428PDYYR Datasheet HTML 31Page - Texas Instruments DRV8428PDYYR Datasheet HTML 32Page - Texas Instruments DRV8428PDYYR Datasheet HTML 33Page - Texas Instruments DRV8428PDYYR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
www.ti.com
PACKAGE OUTLINE
C
16X
0.30
0.18
1.66 0.1
16X
0.5
0.3
0.8
0.7
(0.1) TYP
0.05
0.00
12X 0.5
4X
1.5
A
3.15
2.85
B
3.15
2.85
WQFN - 0.8 mm max height
RTE0016J
PLASTIC QUAD FLATPACK - NO LEAD
4224278/A 05/2018
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
4
9
12
5
8
16
13
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
17
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.600
30
DRV8428E, DRV8428P
SLOSE51 – JUNE 2020
www.ti.com
Product Folder Links: DRV8428E DRV8428P
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com