Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8428PDYYR Datasheet(PDF) 22 Page - Texas Instruments

Part # DRV8428PDYYR
Description  DRV8428E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8428PDYYR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DRV8428PDYYR Datasheet HTML 18Page - Texas Instruments DRV8428PDYYR Datasheet HTML 19Page - Texas Instruments DRV8428PDYYR Datasheet HTML 20Page - Texas Instruments DRV8428PDYYR Datasheet HTML 21Page - Texas Instruments DRV8428PDYYR Datasheet HTML 22Page - Texas Instruments DRV8428PDYYR Datasheet HTML 23Page - Texas Instruments DRV8428PDYYR Datasheet HTML 24Page - Texas Instruments DRV8428PDYYR Datasheet HTML 25Page - Texas Instruments DRV8428PDYYR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
22
DRV8428E, DRV8428P
SLOSE51 – JUNE 2020
www.ti.com
Product Folder Links: DRV8428E DRV8428P
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.3.6.2 Overcurrent Protection (OCP)
An analog current-limit circuit on each FET limits the current through the FET by removing the gate drive. If this
current limit persists for longer than the tOCP time, the FETs in that particular H-bridge are disabled. Once the
OCP condition is removed, normal operation resumes after applying an nSLEEP reset pulse or a power cycling.
7.3.6.3 Thermal Shutdown (OTSD)
If the die temperature exceeds the thermal shutdown limit (TOTSD) all MOSFETs in the H-bridge are disabled.
After the junction temperature falls below the overtemperature threshold limit minus the hysteresis (TOTSD –
THYS_OTSD), normal operation resumes after applying an nSLEEP reset pulse or a power cycling.
Table 7. Fault Condition Summary
FAULT
CONDITION
H-BRIDGE
LOGIC
RECOVERY
VM undervoltage (UVLO)
VM < VUVLO
Disabled
Reset
(VDVDD < 3.6 V)
Automatic: VM > VUVLO
Overcurrent (OCP)
IOUT > IOCP
Disabled
Operating
Latched
Thermal Shutdown (OTSD)
TJ > TTSD
Disabled
Operating
Latched
7.4 Device Functional Modes
7.4.1 Sleep Mode (nSLEEP = 0)
The state of the device is managed by the nSLEEP pin. When the nSLEEP pin is low, the device enters a low-
power sleep mode. In sleep mode, all the internal MOSFETs are disabled. The tSLEEP time must elapse after a
falling edge on the nSLEEP pin before the device enters sleep mode. The device is brought out of sleep
automatically if the nSLEEP pin is brought high. The tWAKE time must elapse before the device is ready for inputs.
7.4.2 Operating Mode (nSLEEP = 1)
When the nSLEEP pin is high, and VM > UVLO, the device enters the active mode. The tWAKE time must elapse
before the device is ready for inputs.
7.4.3 nSLEEP Reset Pulse
A fault can be cleared through a quick nSLEEP pulse. This pulse width must be greater than 20 µs and shorter
than 40 µs. If nSLEEP is low for longer than 40 µs but less than 120 µs, the faults are cleared and the device
may or may not shutdown, as shown in the timing diagram (see Figure 13). This reset pulse does not affect the
status of the charge pump or other functional blocks.
Figure 13. nSLEEP Reset Pulse
Table 8 lists a summary of the functional modes.
Table 8. Functional Modes Summary
CONDITION
CONFIGURATION
H-BRIDGE
DVDD Regulator
Logic
Sleep mode
4.2 V < VM < 33 V
nSLEEP pin = 0
Disabled
Disbaled
Disabled
Operating
4.2 V < VM < 33 V
nSLEEP pin = 1
Operating
Operating
Operating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com