Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9229CS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT9229CS
Description  Advaced Dual PWM and Dual Linear Power Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9229CS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT9229CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9229
www.richtek-ic.com.tw
DS9229-03 July 2001
2
Absolute Maximum Ratings
Supply Voltage
+15V
PGOOD, FAULT and GATE Voltage
GND
−0.3V to VCC+0.3V
Input, Output or I/O Voltage
GND
−0.3V to 7V
Ambient Temperature Range
0
°C to +70°C
Junction Temperature Range
0
°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
300
°C
Package Thermal Resistance
SOP-28,
θJA
60
°C/W
Recommended Operating Conditions
Supply Voltage
+12V
±10%
Ambient Temperature Range
0
°C to 70°C
Junction Temperature Range
0
°C to 125°C
CAUTION:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress only rating and operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
Electrical Characteristics
(VCC = 12V, PGND = 0V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
UGATE1, GATE2, GATE3,
LGATE1, and VOUT4 Open
--
10
--
mA
Power-on Reset
VCC Rising Threshold
VOCSET = 4.5V
7.5
--
9.5
V
VCC Falling Threshold
VOCSET = 4.5V
7--
9
V
Rising VOCSET1 (and 2) Threshold
--
1.25
--
V
Reference and DAC
DAC (VID0 – VID4) Input Low Voltage
--
--
0.8
V
DAC (VID0 – VID4) Input High Voltage
2.0
--
--
V
DACOUT Voltage Accuracy
DACOUT = 2.05 ~ 3.50V
-1
--
1
%
DACOUT Voltage Accuracy
DACOUT = 1.30 ~ 2.00V
-1%
--
20mV
--
Reference Voltage (Pin FB2 and FB3)
VREF
1.240
1.265
1.290
V
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com