Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9229CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9229CS
Description  Advaced Dual PWM and Dual Linear Power Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9229CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9229CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9229
DS9229-03 July 2001
www.richtek-ic.com.tw
1
Advanced Dual PWM and Dual Linear Power Controller
General Description
The RT9229 is a 4-in-one power controller optimized
for high-performance microprocessor and computer
applications. The IC integrates two PWM controllers,
a linear regulator and a linear controller as well as
monitoring and protection functions into a 28-pin
SOP package. The first PWM controller regulates the
microprocessor core voltage with a synchronous
buck converter, while the second PWM controller
supplies the 3.3V power with a standard buck
converter. The linear regulator provides power for the
clock driver circuit and the linear controller regulates
power for the GTL bus.
The RT9229 features an Intel-compatible, TTL 5-bit
programmable DAC that adjusts the core voltage
from 2.1V to 3.5V in 0.1V increments and from 1.3V
to 2.05V in 0.05V steps. The second PWM controller
is user-adjustable for output level between 3.0V and
3.5V with
±2.5% accuracy. The 5-bit DAC has a
typical
±1% tolerance. The linear regulator uses an
internal drive device to provide 2.5V
±2.5% output
voltage. The linear controller drives an external N-
channel MOSFET or a low cost NPN bipolar
transistor to provide 1.5V
±2.5%.
The RT9229 monitors all the output voltages. A
Power-good signal is issued when the core voltage is
within
±10% of the DAC setting and the other levels
are above their under-voltage levels. Additional build-
in over-voltage protection for the core output uses the
lower MOSFET to prevent output voltage above
115% of the DAC setting. The PWM over-current
function monitors the output current using the voltage
drop across the upper MOSFET’s RDS(ON) which
eliminates the need for a current sensing resistor.
Ordering Information
RT9229
Features
4-in-one Regulated Voltages for Microprocessor
Core, I/O, Clock, and GTL
Compatible with HIP6019B
Power-Good Output Voltage Monitor
Switching section
5-bit DAC Programmable from 1.3V to 3.5V
±±±±1% DAC Accuracy
Fast Transient Response
Full 0% to 100% Duty Cycle Driver
Fixed 200kHz Switching Frequency
Adaptive Non-overlapping Gate Driver
Over-current Monitor Uses MOSFET RDS(ON)
Over-voltage Protection Uses Lower MOSFET
Linear Section
User-adjustable Linear Regulator Output Voltage
MOSFET or NPN Driving Capability
Ultra Fast Response Speed
Under-voltage Protection
Internal Thermal Shutdown
Applications
Full Motherboard Power Regulation for Computer
Low-voltage Distributed Power Supplies
Pin Configurations
Part Number
Pin Configurations
RT9229CS
(Plastic SOP-28)
TOP VIEW
Operating temperature range
C: Commercial standard
Package type
S : SOP-28
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
27
28
13
14
16
15
PHASE2
VID4
VID3
VID2
VID1
VID0
PGOOD
OCSET2
FB2
UGATE2
SS
NC2
FAULT
FB4
LGATE1
VCC
UGATE1
PHASE1
PGND
OCSET1
VSEN1
FB1
FB3
GATE3
GND
NC1
VOUT4
VSEN2


Similar Part No. - RT9229CS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RT922 STMICROELECTRONICS-RT922 Datasheet
482Kb / 15P
RobuST, rail-to-rail, high output current dual operational amplifier
08-Oct-2014
logo
List of Unclassifed Man...
RT9221 ETC-RT9221 Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
RT9221CS ETC-RT9221CS Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
RT9222 ETC-RT9222 Datasheet
221Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
More results

Similar Description - RT9229CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
ISL6523 INTERSIL-ISL6523 Datasheet
498Kb / 16P
VRM8.5 Dual PWM and Dual Linear Power System Controller
July 2004
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Renesas Technology Corp
ISL6523 RENESAS-ISL6523 Datasheet
923Kb / 17P
VRM8.5 Dual PWM and Dual Linear Power System Controller
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com