Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9229CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT9229CS
Description  Advaced Dual PWM and Dual Linear Power Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9229CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT9229CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9229
DS9229-03 July 2001
www.richtek-ic.com.tw
3
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Oscillator
Free Running Frequency
180
200
225
kHz
Ramp Amplitude
∆VOSC
--
1.9
--
VP-P
Linear Regulator
Regulation
10mA
< IVOUT2 < 150mA
-2.5
--
2.5
%
Under-voltage Level
FB4 Rising
--
75
87
%
Under-voltage Hysteresis
--
100
--
mV
Over-current Protection
IOVP
180
230
--
mA
Over-current Protection During Start-
up
--
700
--
mA
Linear Controller
Regulation
VSEN3 = GATE3
0
< IGATE3 < 20mA
-2.5
--
2.5
%
Under-voltage Level
FB3 Rising
--
75
87
%
Under-voltage Hysteresis
--
100
--
mV
Output Drive Current
VIN2 – VOUT3
> 1.5V
20
40
--
mA
PWM Controller Error Amplifier
DC Gain
--
65
--
dB
PWM Controller Gate Driver
UGATE 1 (and 2) Source
RUGATE
VCC = 12V
VCC - VUGATE = 1V
--
3
7
Ω
UGATE 1 (and 2) Sink
RUGATE VUGATE = 1V
--
3
7
Ω
LGATE Source
ILGATE1
VCC = 12V, VLGATE1 = 2V
--
1
--
A
LGATE Sink
RLGATE1 VLGATE1 = 1V
--
2
6
Ω
Protection
VOUT1 Over-voltage Trip
VSEN1 Rising
112
115
118
%
VOUT2 Over-voltage Trip
VSEN2 Rising
4.1
4.3
4.5
V
FAULT Souring Current
VFAULT = 8V
10
14
--
mA
OCSET1 (and 2) Current Source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
Soft-start Current
ISS
VSS = 1V
--
11
--
µA
Power Good
VOUT1 Upper Threshold
VSEN1 Rising
108
--
112
%
VOUT1 Under Voltage
VSEN1 Rising
90
--
94
%
VOUT1 Hysteresis (VSEN1/DACOUT)
Upper/Lower Threshold
--
2
--
%
PGOOD Voltage Low
VPGOOD IPGOOD = -4mA
--
--
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com