Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9229CS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RT9229CS
Description  Advaced Dual PWM and Dual Linear Power Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9229CS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RT9229CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9229CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9229
www.richtek-ic.com.tw
DS9229-03 July 2001
4
Function Block Diagram
110%
90%
115%
POWER-ON
RESET (POR)
SOFT-START
& FAULT
LOGIC
GATE
CONTROL
LOGIC
LINEAR
UNDER
VOLTAGE
PGOOD
PHASE1
LGATE1
PGND
GND
VCC
FB3
OCSET1
VSEN1
GATE3
0.3V
VSEN2
1.26V
VOUT2
FB4
0V
VID1
VID2
VID3
VID4
LUV
OC1
PWM1
INHIBIT
LOWER
DRIVE
VCC
VCC
UPPER
DRIVE
UGATE1
200
µA
OC
GATE
CONTROL
COMPEN-
SATION
OSCILLATOR
VCC
11
µA
5V
COMPEN-
SATION
TTL D/A
CONVERTER
(DAC)
OCSET2
0.25V
VCC
PHASE2
UGATE2
FB2
VSEN2
OC2
OC4
2.5V
4.3V
1.26V
FAULT
SS
FB1
DACOUT
ERROR
AMP1
PWM
COMP1
ERROR
AMP2
200
µA
INHIBIT
PWM
COMP2
PWM2
VID0
_
_
_
_



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com