Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6331QDECRQ1 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6331QDECRQ1
Description  TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6331QDECRQ1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP6331QDECRQ1 Datasheet HTML 16Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 17Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 18Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 19Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 20Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 21Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 22Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 23Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.7
1.5
2X
0.35
0.25
2X
0.4
0.2
0.77 MAX
2X
0.15
0.08
2X
0.3
0.1
0.7
0.5
TYP
B
1.3
1.1
A
0.85
0.75
NOTE 3
SOT - 0.77 mm max height
DYA0002A
PLASTIC SMALL OUTLINE
4224978/A 04/2019
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
1
2
PIN 1
ID AREA
SEATING PLANE
0.05 C
0.1
C A B
0.05
SYMM
SYMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com