Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6331QDECRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6331QDECRQ1
Description  TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6331QDECRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP6331QDECRQ1 Datasheet HTML 5Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 6Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 7Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 8Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 9Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 10Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 11Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 12Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
VTEMP
VBIAS
+
±
VTEMP
VBIAS
+
±
IBIAS
V
TEMP = I BIAS × R TMP63
V
TEMP =
VBIAS × R TMP63
R BIAS + R TMP63
RBIAS
RTMP63
RTMP63
TCR =
:RT2 F RT1;
:T2 F T1; × R:T2+T1;
2
9
TMP63-Q1
www.ti.com
SNIS215B – JANUARY 2020 – REVISED JUNE 2020
Product Folder Links: TMP63-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TMP63-Q1 silicon linear thermistor has a linear positive temperature coefficient (PTC) that results in a
uniform and consistent temperature coefficient resistance (TCR) across a wide operating temperature range. TI
uses a special silicon process where the the doping level and active region areas devices control the key
characteristics (the temperature coefficient resistance (TCR) and nominal resistance (R25)) . The device has an
active area and a substrate due to the polarized terminals. Connect the positive terminal to the highest voltage
potential. Connect the negative terminal to the lowest voltage potential.
Unlike an NTC, which is a purely resistive device, the TMP63-Q1 resistance is affected by the current across the
device and the resistance changes when the temperature changes. In a voltage divider circuit, it is recommended
to maintain the top resistor value at 100 kΩ. Changing the top resistor value or the VBIAS value changes the
resistance vs temperature table (R-T table) of the TMP63-Q1, and subsequently the polynomials as described in
the Design Requirements section. Consult the TMP63-Q1 R-T table section for more information.
Equation 1 can help the user approximate the TCR.
where
•
TCR is in ppm/°C
(1)
Key terms and definitions:
•
ISNS: Current flowing through the TMP63-Q1 device
•
VSNS: Voltage across the two TMP63-Q1 terminal
•
IBIAS: Current supplied by the biasing circuit.
•
VBIAS: Voltage supplied by the biasing circuit.
•
VTEMP: Output voltage that corresponds to the measured temperature. Note that this is different from VSNS. In
the use case of a voltage divider circuit with the TMP63-Q1 in the high side, VTEMP is measured across RBIAS.
8.2 Functional Block Diagram
Figure 10. Typical Implementation Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com