Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6331QDECRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6331QDECRQ1
Description  TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6331QDECRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TMP6331QDECRQ1 Datasheet HTML 1Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 2Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 3Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 4Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 5Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 6Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 7Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 8Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
60
80
100
120
140
160
180
200
TMP6
VTEMP
VBIAS
+
±
VTEMP
VBIAS
+
±
IBIAS
V
TEMP = I BIAS × R TMP63
V
TEMP =
VBIAS × R TMP63
R BIAS + R TMP63
RBIAS
RTMP63
RTMP63
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TMP63-Q1
SNIS215B – JANUARY 2020 – REVISED JUNE 2020
TMP63-Q1 ±1% 100-k
Ω Automotive Grade Linear Thermistor With 0402 and 0603 Package
Options
1
1 Features
1
•
AEC-Q100 qualified with the following results:
–
Temperature Grade 1: –40 °C
≤ TA ≤ 125 °C
–
HBM ESD classification level H2
–
CDM ESD classification level C6
•
Silicon-based thermistor with a
positive temperature coefficient (PTC)
•
Linear resistance change across temperature
•
100-k
Ω nominal resistance at 25 °C (R25)
–
±1% maximum (0 °C to 70 °C)
•
Consistent sensitivity across temperature
–
6400 ppm/°C TCR (25 °C)
–
0.2% typical TCR tolerance across
temperature range
•
Fast thermal response time of 0.6 s (DEC)
•
Long lifetime and robust performance
–
Built-in fail-safe in case of short-circuit failures
–
0.3% typical long term sensor drift
2 Applications
•
Thermal compensation
–
Display backlight
–
Battery management systems
•
Thermal threshold detection
–
Motor control
–
On-board chargers & DC-DC converters
3 Description
Get started today with the Thermistor Design Tool,
offering complete resistance vs temperature table (R-
T table) computation, other helpful methods to derive
temperature and example C-code.
Linear
thermistors
offer
linearity
and
consistent
sensitivity across temperature to enable simple and
accurate methods for temperature conversion. Low
power consumption and a small thermal mass
minimize the impact of self-heating. With built-in
failsafe behavior at high temperatures and powerful
immunity to environmental variation, these devices
are designed for a long lifetime of high performance.
The small size of the TMP6 series also allows for
close placement to heat sources and quick response
times.
Take advantage of benefits over NTC thermistors
such as no extra linearization circuitry, minimized
calibration, less resistance tolerance variation, larger
sensitivity
at
high
temperatures,
and
simplified
conversion methods to save time and memory in the
processor.
The TMP63-Q1 is currently available in a 0402
footprint-compatible X1SON package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP63-Q1
X1SON (2)
0.60 mm × 1.00 mm
SOT-5X3 (2)(2)
0.80 mm × 1.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) This package is in preview
Typical Implementation
Typical Resistances vs Ambient Temperature


Similar Part No. - TMP6331QDECRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP6331QDECRQ1 TI1-TMP6331QDECRQ1 Datasheet
676Kb / 22P
TMP63-Q1 100-k廓 Linear Thermistor With Small, 0402 Package Option
TMP6331QDECRQ1 TI-TMP6331QDECRQ1 Datasheet
1Mb / 26P
TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
More results

Similar Description - TMP6331QDECRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP63 TI1-TMP63 Datasheet
621Kb / 20P
TMP63 100 k廓 Linear Thermistor With Small 0402 Package
TMP63 TI1-TMP63_V01 Datasheet
1Mb / 24P
TMP63 100-k廓 Linear Thermistor With 0402 Package Option
TMP63-Q1 TI1-TMP63-Q1 Datasheet
675Kb / 21P
TMP63-Q1 100-k廓 Linear Thermistor With Small, 0402 Package Option
TMP61-Q1 TI1-TMP61-Q1_V03 Datasheet
1Mb / 33P
TMP61-Q1 Automotive Grade, 짹1% 10-k廓 Linear Thermistor With 0402 and 0603 Package Options
TMP63-Q1 TI1-TMP63-Q1_V01 Datasheet
676Kb / 22P
TMP63-Q1 100-k廓 Linear Thermistor With Small, 0402 Package Option
TMP63 TI1-TMP63_V02 Datasheet
1Mb / 28P
TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
TMP64-Q1 TI1-TMP64-Q1 Datasheet
653Kb / 22P
TMP64-Q1 짹1% 47-k廓 Linear Thermistor With 0402 Package
TMP63 TI1-TMP63_V03 Datasheet
1Mb / 28P
TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
TMP63-Q1 TI-TMP63-Q1_V03 Datasheet
1Mb / 26P
TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
TMP64-Q1 TI-TMP64-Q1_V02 Datasheet
1Mb / 28P
TMP64-Q1 짹1% 47-k廓 Automotive Grade Linear Thermistor with 0402 and 0603 Package Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com