Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6331QDECRQ1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6331QDECRQ1
Description  TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6331QDECRQ1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP6331QDECRQ1 Datasheet HTML 9Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 10Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 11Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 12Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 13Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 14Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 15Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 16Page - Texas Instruments TMP6331QDECRQ1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
RBias
VBias
VTemp
RTMP63
VTemp
RNTC
RP
RBias
VBias
VTemp
RTMP63
IBias
Precision
Current Source
13
TMP63-Q1
www.ti.com
SNIS215B – JANUARY 2020 – REVISED JUNE 2020
Product Folder Links: TMP63-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Application (continued)
Use a polynomial equation or a LUT to extract the temperature reading based on the ADC code read in the
microcontroller. Use the Thermistor Design Tool to translate the TMP63-Q1 resistance to temperature.
The cancellation of VBIAS is one benefit to using a voltage-divider (ratiometric approach), but the sensitivity of the
output voltage of the divider circuit cannot increase much. Therefore, this application design does not use all of
the ADC codes due to the small voltage output range compared to the FSR. This application is very common,
however, and is simple to implement.
A current source-based circuit, such as the one shown in Figure 16, offers better control over the sensitivity of
the output voltage and achieve higher accuracy. In this case, the output voltage is simply V = I × R. For example,
if a current source of 40 µA is used with the device, the output voltage spans approximately 5.5 V and has a gain
up to 40 mV/°C. Having control over the voltage range and sensitivity allows for full use of the ADC codes and
full-scale range. Figure 21 shows the temperature voltage for various bias current conditions. Similar to the
ratiometric approach, if the ADC has a built-in current source that shares the same bias as the reference voltage
of the ADC, the tolerance of the supply current cancels out. In this case, a precision ADC is not required. This
method yields the best accuracy, but can increase the system implementation cost.
Figure 16. Biasing Circuit With Current Source
In comparison to the non-linear NTC thermistor in a voltage divider, the TMP63-Q1 has an enhanced linear
output characteristic. The two voltage divider circuits with and without a linearization parallel resistor, RP, are
shown in Figure 17. Consider an example where VBIAS = 5 V, RBIAS = 100 kΩ, and a parallel resistor (RP) is used
with the NTC thermistor (RNTC) to linearize the output voltage with an additional 100-kΩ resistor. The device
produces a linear curve across the entire temperature range while the NTC curve is only linear across a small
temperature region. When the parallel resistor (RP) is added to the NTC circuit, the added resistor makes the
curve much more linear but greatly affects the output voltage range.
Figure 17. TMP63-Q1 vs. NTC With Linearization Resistor (RP) Voltage Divider Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com