Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2071DAP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2071DAP
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2071DAP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2071DAP Datasheet HTML 4Page - Texas Instruments TPS2071DAP Datasheet HTML 5Page - Texas Instruments TPS2071DAP Datasheet HTML 6Page - Texas Instruments TPS2071DAP Datasheet HTML 7Page - Texas Instruments TPS2071DAP Datasheet HTML 8Page - Texas Instruments TPS2071DAP Datasheet HTML 9Page - Texas Instruments TPS2071DAP Datasheet HTML 10Page - Texas Instruments TPS2071DAP Datasheet HTML 11Page - Texas Instruments TPS2071DAP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range,
4.5 V
≤ VI(BP) ≤ 5.5 V, 4.85 V ≤ VI(SP) ≤ 5.5 V, 6 V ≤ VI(VEXT) ≤ 9 V, ENx = 0 V, EN_REG = 0 V,
BP_DIS = 0 V (unless otherwise noted) (continued)
output signals (BPMODE or BPMODE, OCx, DPO_RST)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BPMODE
4.25 V
≤ VI(BP) ≤ 5.5 V,
4.5 V
≤ VI(SP) ≤ 5.5 V
2.4
VOH
High-level output
BPMODE
4.25 V
≤ VI(BP) ≤ 5.5 V,
VI(SP) < 4 V
IO =2mA
2.4
V
VOH
g
voltage
OCx
4.25 V
≤ VI(BP) ≤ 5.5 V,
VI(ENx) = 3.3 V or Hi-Z
IO = 2 mA
2.4
V
DPO_RST
4.25 V
≤ VI(BP) ≤ 5.5 V,
VI(PG_DLY) = 3.3 V
2.4
BPMODE
4.25 V
≤ VI(BP) ≤ 5.5 V,
VI(SP) < 4 V
IO =3 2mA
0.4
VOL
Low-level output voltage
BPMODE
4.25 V
≤ VI(BP) ≤ 5.5 V,
4.5 V
≤ VI(SP) ≤ 5.5 V
IO = 3.2 mA
0.4
V
OCx
4.25 V
≤ VI(BP) ≤ 5.5 V,
OUTx = 0 V
IO(OC) = 3.2 mA
0.4
Minimum input voltage at BP for low level
IO = 300 µA,
VO(BPMODE)≤ 0.4 V
1.5
VI(BP)
Minimum input voltage at BP for low-level
output
IO = 300 µA,
VI(SP) = 5 V
VO(BPMODE)≤ 0.4 V,
1.5
V
Ilkg
Hi-Z leakage current at DP0_RST
0 V
≤ VI(DPO_RST) ≤ 3.3 V, VI(SP) = 0 V,
VI(BP) = 5.5 V, VI(PG_DLY) = 0.9 V
–5
5
µA
td
Overcurrent response delay time
(see Note 1)
1
10
ms
NOTE 1: Specified by design, not tested in production.
undervoltage lockout (SP, BP, VEXT)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SP
4.5
Start threshold
BP
VI(SP) = Hi-Z
4.25
V
VEXT
3
SP
4
Stop threshold
BP
3.75
V
VEXT
2.50
SP
300
Vhys
Hysteresis voltage (see Note 1)
BP
300
mV
y
VEXT
150
NOTE 1: Specified by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com