Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2071DAP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2071DAP
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2071DAP Datasheet(HTML) 1 Page - Texas Instruments

  TPS2071DAP Datasheet HTML 1Page - Texas Instruments TPS2071DAP Datasheet HTML 2Page - Texas Instruments TPS2071DAP Datasheet HTML 3Page - Texas Instruments TPS2071DAP Datasheet HTML 4Page - Texas Instruments TPS2071DAP Datasheet HTML 5Page - Texas Instruments TPS2071DAP Datasheet HTML 6Page - Texas Instruments TPS2071DAP Datasheet HTML 7Page - Texas Instruments TPS2071DAP Datasheet HTML 8Page - Texas Instruments TPS2071DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Complete USB Hub Power Solution
D Meets USB Specifications 1.1 and 2.0
D Independent Thermal and Short-Circuit
Protection
D 3.3-V Regulator for USB Hub Controller
D Overcurrent Logic Outputs
D 4.5-V to 5.5-V Operating Range
D CMOS- and TTL-Compatible Enable Inputs
D 185 µA Bus-Power Supply Current
D Available in 32-Pin HTSSOP PowerPAD
D –40°C to 85°C Ambient Temperature Range
description
The TPS2070 and TPS2071 provide a complete
USB hub power solution by incorporating four
major functions: current-limited power switches
for four ports, a 3.3-V 100-mA regulator, a 5-V
regulator controller for self power, and a DP0 line
control to signal attach/detach of the hub.
These devices are designed to meet bus-pow-
ered and self-powered hub requirements. These
devices are also designed for hybrid hub
implementations and allow for automatic switch-
ing from self-powered mode to bus-powered
mode if loss of self-power is experienced (can be
disabled by applying a logic high to BP_DIS).
Each port has a current-limited 107-m
Ω N-
channel MOSFET high-side power switch for
500 mA self-powered operation. Each port also
has a current-limited 560-m
Ω N-channel MOS-
FET high-side power switch for 100-mA bus-pow-
ered operation. All the N-channel MOSFETs are
designed without parasitic diodes, preventing
current backflow into the inputs.
For applications not requiring a 5-V regulator
controller, use the TPS2074 or TPS2075 device.
SELECTION GUIDE
TA
USB HUB POWER CONTROLLERS
PACKAGED DEVICES
TA
USB HUB POWER CONTROLLERS
PIN COUNT
BPMODE
HTSSOP (DAP)†
SSOP (DB)
Four port with internal LDO controller
32
Active low
TPS2070DAP
—
40
°Cto85°C
Four-port with internal LDO controller
32
Active high
TPS2071DAP
—
– 40
°C to 85°C
Four port without internal LDO controller
24
Active low
—
TPS2074DB
Four-port without internal LDO controller
24
Active high
—
TPS2075DB
† The DAP package is available taped and reeled. Add an R suffix to the device type (e.g., TPS2070DAPR).
PowerPAD is a trademark of Texas Instruments.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
EN1
AGND
NC
PG
SP
SP
NC
VEXT
GATE
3.3V_OUT
BPMODE†
DP0_RST
EN_REG
EN2
DGND
PG_DLY
BP_DIS
BP
OUT1
OUT2
OUT3
OUT4
OC4
OC3
OC2
OC1
EN4
EN3
CP_M
CP_P
VCP
NC – No internal connection
† Pin 12 is active low (BPMODE) for TPS2070 and
active high (BPMODE) for TPS2071.
SP
GATE
VEXT
DP0_RST
BP
DP0
DM0
Power
Supply
D+
D–
5 V
GND
1.5
k
Ω
Upstream
Port
3.3 V_OUT
BPMODE
D+
D–
5 V
GND
D+
D–
5 V
GND
D+
D–
5 V
GND
D+
D–
5 V
GND
OUT1
OUT2
OUT3
OUT4
DP1
DM1
DP2
DM2
DP3
DM3
DP4
DM4
Downstream
Ports
TPS2070
Hub
Controller
VCC EN OC
simplified hybrid-hub diagram‡
‡ See Figure 38 for complete implementation.
DAP PACKAGE
(TOP VIEW)


Similar Part No. - TPS2071DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2071DAP TI-TPS2071DAP Datasheet
416Kb / 25P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2071DAP TI-TPS2071DAP Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2071DAP TI1-TPS2071DAP Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2071DAP TI2-TPS2071DAP Datasheet
521Kb / 29P
FOUR-PORT USB HUB POWER CONTROLLERS
REVISED FEBRUARY 2001
TPS2071DAPG4 TI-TPS2071DAPG4 Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
More results

Similar Description - TPS2071DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074 TI-TPS2074 Datasheet
416Kb / 25P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TPS2074 TI1-TPS2074_08 Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com