Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2071DAP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2071DAP
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2071DAP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS2071DAP Datasheet HTML 16Page - Texas Instruments TPS2071DAP Datasheet HTML 17Page - Texas Instruments TPS2071DAP Datasheet HTML 18Page - Texas Instruments TPS2071DAP Datasheet HTML 19Page - Texas Instruments TPS2071DAP Datasheet HTML 20Page - Texas Instruments TPS2071DAP Datasheet HTML 21Page - Texas Instruments TPS2071DAP Datasheet HTML 22Page - Texas Instruments TPS2071DAP Datasheet HTML 23Page - Texas Instruments TPS2071DAP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 36
100
50
0
6
6.5
7
7.5
150
200
SUPPLY CURRENT
vs
INPUT VOLTAGE
250
8
8.5
9
VI(VEXT) – Input Voltage – V
VI(BP) = 5 V,
EN_REG = LOW,
C(VCP) = 0.1 µF,
C(CP_P) = 0.01 µF,
TA = 25°C
Figure 37
2.75
2.7
2.65
2.6
–50
0
50
2.8
2.85
UNDERVOLTAGE LOCKOUT
vs
JUNCTION TEMPERATURE
2.9
100
150
TJ – Junction Temperature – °C
Start Threshold
Stop Threshold
APPLICATION INFORMATION
external capacitor requirements
A 0.1-
µF ceramic bypass capacitor and a 10-µF bulk capacitor between BP and AGND, close to the device, are
recommended. Similarly, a 0.1-
µF ceramic and a 68-µF bulk capacitor, from SP to AGND, and from VEXT to
AGND if an external 5-V LDO is required, are recommended because of much higher current in the self-powered
mode.
From each of the outputs (OUTx) to ground, a 33-
µF or higher valued bulk capacitor is recommended when the
output load is heavy. This precaution reduces power-supply transients. Additionally, bypassing the outputs with
a 0.1-
µF ceramic capacitor improves the immunity of the device to short-circuit transients.
An output capacitor connected between 3.3V_OUT and GND is required to stabilize the internal control loop.
The internal LDO is designed for a capacitor range of 4.7
µF to 33 µF with an ESR of 0.2 Ω to 10 Ω. Solid
tantalum-electrolytic, aluminum-electrolytic and multilayer ceramic capacitors are all suitable.
Ceramic capacitors have different types of dielectric material, each exhibiting different temperature and voltage
variations. The most common types are X5R, X7R, Y5U, Z5U, and NPO. The NPO type ceramic capacitors are
generally the most stable over temperature. However, the X5R and X7R are also relatively stable over
temperature (with the X7R being the more stable of the two) and are therefore acceptable for use. The Y5U and
Z5U types provide high capacitance in a small geometry, but exhibit large variations over temperature. For this
reason, the Y5U and Z5U are not generally recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com