Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2071DAP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2071DAP
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2071DAP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2071DAP Datasheet HTML 8Page - Texas Instruments TPS2071DAP Datasheet HTML 9Page - Texas Instruments TPS2071DAP Datasheet HTML 10Page - Texas Instruments TPS2071DAP Datasheet HTML 11Page - Texas Instruments TPS2071DAP Datasheet HTML 12Page - Texas Instruments TPS2071DAP Datasheet HTML 13Page - Texas Instruments TPS2071DAP Datasheet HTML 14Page - Texas Instruments TPS2071DAP Datasheet HTML 15Page - Texas Instruments TPS2071DAP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VI(BP) = VI(SP) = 5 V
TA = 25°C
CL = 10 µF
RL = 10 Ω
t – time – ms
VI(EN)
(2 V/div)
VO(OUT)
(2 V/div)
VI(BP) = VI(SP) = 5V
TA = 25°C
CL = 10 µF
RL = 10 Ω
t – time – ms
VI(EN)
(2 V/div)
VO(out)
(2 V/div)
Figure 5. Turnon Delay and Rise Time
(SP Switch)
Figure 6. Turnoff Delay and Fall Time
(SP Switch)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
0
4
8
12
16
20
2428
3236
40
TA = 25°C
CL = 4.7 µF
RL = 33 Ω
t – time – ms
VI(BP)
(2 V/div)
VO
3.3V_OUT)
(1 V/div)
Figure 7. Turnon Delay and Rise Time
(3.3V_OUT)
0
20
40
60
80
100 120 140 160 180 200
TA = 25°C
CL = 4.7 µF
RL = 33 Ω
t – time – ms
VI(BP)
(2 V/div)
VO
(3.3V_OUT)
(1 V/div)
Figure 8. Turnoff Delay and Fall Time
(3.3V_OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com