Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2070DAPR Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS2070DAPR
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2070DAPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2070DAPR Datasheet HTML 11Page - Texas Instruments TPS2070DAPR Datasheet HTML 12Page - Texas Instruments TPS2070DAPR Datasheet HTML 13Page - Texas Instruments TPS2070DAPR Datasheet HTML 14Page - Texas Instruments TPS2070DAPR Datasheet HTML 15Page - Texas Instruments TPS2070DAPR Datasheet HTML 16Page - Texas Instruments TPS2070DAPR Datasheet HTML 17Page - Texas Instruments TPS2070DAPR Datasheet HTML 18Page - Texas Instruments TPS2070DAPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
01
2
3
4
5
6
789
10
VI(BP) = 5 V
TA = 25°C
BP_DIS = 5 V
t – time – ms
VO(PG)
(2 V/div)
VO
(3.3V_OUT)
(1 V/div)
Figure 17. SP to BP Automatic
Switchover Disabled
0
40
80
120 160 200 240 280 320 360 400
VI(BP) = 5 V
TA = 25°C
BP_DIS = 0 V or Open
t – time – ms
VO(PG)
(2 V/div)
VO
(DPO_RST)
(1 V/div)
Figure 18. SP to BP Automatic
Switchover Enabled
VI(BP) = 5 V
TA = 25°C
BP_DIS = 5 V
t – time – ms
VO(PG)
(2 V/div)
VO
(DPO_RST)
(1 V/div)
Figure 19. SP to BP Automatic
Switchover Disabled
0
40
80
120 160 200 240 280 320 360 400
0
100 200 300 400 500 600 700 800 900 1000
t – time –
µs
VI(BP)
∆VO
(3.3V_OUT)
(0.05 V/div)
5.25 V
4.25 V
Figure 20. Line Transient Response
TA = 25°C
CL (3.3 V–OUT) = 4.7 µF
IO (3.3 V–OUT) = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com