Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2070DAPR Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS2070DAPR
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2070DAPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2070DAPR Datasheet HTML 15Page - Texas Instruments TPS2070DAPR Datasheet HTML 16Page - Texas Instruments TPS2070DAPR Datasheet HTML 17Page - Texas Instruments TPS2070DAPR Datasheet HTML 18Page - Texas Instruments TPS2070DAPR Datasheet HTML 19Page - Texas Instruments TPS2070DAPR Datasheet HTML 20Page - Texas Instruments TPS2070DAPR Datasheet HTML 21Page - Texas Instruments TPS2070DAPR Datasheet HTML 22Page - Texas Instruments TPS2070DAPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 32
4.3
4.2
4.1
4
–50
0
50
4.4
4.45
4.5
100
150
4.35
4.25
4.15
4.05
INPUT VOLTAGE (SP UNDERVOLTAGE LOCKOUT)
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
Start Threshold
Stop Threshold
Figure 33
135
130
125
120
–50
0
50
140
145
INPUT CURRENT
vs
JUNCTION TEMPERATURE
150
100
150
TJ – Junction Temperature – °C
VI(VEXT) = 6 V
EN_REG = LOW
Figure 34
4.7
4.6
4.4
4.2
4.8
4.9
5
4.5
4.3
–50
0
50
INPUT CURRENT
vs
JUNCTION TEMPERATURE
100
150
TJ – Junction Temperature – °C
VI(VEXT) = 6 V
EN_REG = HIGH
Figure 35
3
2
1
0
67
4
6
89
5
7
INPUT CURRENT
vs
INPUT VOLTAGE
VI(VEXT) – Input Voltage – V
VI(BP) = 5 V,
EN_REG = HIGH,
C(VCP) = 0.1 µF,
C(CP_P) = 0.01 µF,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com