Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2070DAPR Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS2070DAPR
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2070DAPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS2070DAPR Datasheet HTML 20Page - Texas Instruments TPS2070DAPR Datasheet HTML 21Page - Texas Instruments TPS2070DAPR Datasheet HTML 22Page - Texas Instruments TPS2070DAPR Datasheet HTML 23Page - Texas Instruments TPS2070DAPR Datasheet HTML 24Page - Texas Instruments TPS2070DAPR Datasheet HTML 25Page - Texas Instruments TPS2070DAPR Datasheet HTML 26Page - Texas Instruments TPS2070DAPR Datasheet HTML 27Page - Texas Instruments TPS2070DAPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
universal serial bus (USB) applications
The universal serial bus (USB 1.1) interface is a 12-Mb/s, 1.5-Mb/s, or 480 Mb/s (USB 2.0), multiplexed serial
bus designed for low-to-medium bandwidth PC peripherals (e.g., keyboards, printers, scanners, and mice). The
four-wire USB interface is conceived for dynamic attach-detach (hot plug-unplug) of peripherals. Two lines are
provided for differential data, and two lines are provided for 5-V power distribution.
USB data is a 3.3-V-level signal, but power is distributed at 5 V to allow for voltage drops in cases where power
is distributed through more than one hub or across long cables. Each function must provide its own regulated
3.3 V from the 5-V input or its own internal power supply.
The USB specification defines the following five classes of devices, each differentiated by power-consumption
requirements:
D Hosts/self-powered hubs (SPH)
D Bus-powered hubs (BPH)
D Low-power, bus-powered functions
D High-power, bus-powered functions
D Self-powered functions
Self-powered and bus-powered hubs distribute data and power to downstream functions. The TPS2070 and
TPS2071 can provide power-distribution solutions for hybrid hubs that need switching between BPH and SPH
according to power availability and application requirements.
USB power-distribution requirements
USB can be implemented in several ways, and, regardless of the type of USB device being developed, several
power-distribution features must be implemented.
D Hosts/self-powered hubs must:
–
Current-limit downstream ports
–
Report overcurrent conditions on USB VBUS
–
Output 5.25 V to 4.75 at 500 mA
D Bus-powered hubs must:
–
Enable/disable power to downstream ports
–
Power up at <100 mA
–
Limit inrush current (<44
Ω and 10 µF)
–
Output 5.25 V to 4.4 at 100 mA
–
Not send power back upstream
D Functions must:
–
Limit inrush currents
–
Power up at <100 mA
–
Not send power back upstream (SP functions)
The feature set of the TPS2070 and TPS2071 allows them to meet each of these requirements. The integrated
current-limiting and overcurrent reporting is required by hosts and self-powered hubs. The logic-level enable
and controlled rise times meet the needs of both input and output ports on hubs, as well as the input ports for
bus-powered functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com