Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2070DAPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2070DAPR
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2070DAPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2070DAPR Datasheet HTML 1Page - Texas Instruments TPS2070DAPR Datasheet HTML 2Page - Texas Instruments TPS2070DAPR Datasheet HTML 3Page - Texas Instruments TPS2070DAPR Datasheet HTML 4Page - Texas Instruments TPS2070DAPR Datasheet HTML 5Page - Texas Instruments TPS2070DAPR Datasheet HTML 6Page - Texas Instruments TPS2070DAPR Datasheet HTML 7Page - Texas Instruments TPS2070DAPR Datasheet HTML 8Page - Texas Instruments TPS2070DAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
NC
1
No internal connection
EN1
2
I
Active-low enable for OUT1
AGND
3
Analog ground
NC
4
No internal connection
PG
5
O
Logic output, power good
SP
6
I
Self-power voltage input, connects to local power supply
SP
7
I
Self-power voltage input, connects to local power supply
NC
8
No internal connection
VEXT
9
I
Input voltage for the external voltage regulator
GATE
10
O
Output gate drive for an external N-channel MOSFET
3.3V_OUT
11
O
3.3-V internal voltage regulator output
BPMODE†
12
O
A logic signal that indicates if the outputs source from the bus-powered supply. BPMODE (TPS2070) or
BPMODE (TPS2071) can be used to signal hub controller.
DP0_RST
13
O
Connects to DP signal from upstream hub/host through an external 1.5-k
Ω resistor
EN_REG
14
I
Active-high enable, enables external voltage regulator. Connect to BP or GND
EN2
15
I
Active-low enable for OUT2
DGND
16
Digital ground
VCP
17
Charge-pump output, source for an external voltage-regulator driver. Recommend 0.1-
µF capacitor to
DGND.
CP_P
18
Charge-pump-capacitor connection from CP_M. Recommend 0.01-
µF between CP_P and CP_M.
CP_M
19
Charge-pump-capacitor connection from CP_P. Recommend 0.01-
µ between CP_P and CP_M.
EN3
20
I
Active-low enable for OUT3
EN4
21
I
Active-low enable for OUT4
OC1
22
O
Logic output, overcurrent response for OUT1
OC2
23
O
Logic output, overcurrent response for OUT2
OC3
24
O
Logic output, overcurrent response for OUT3
OC4
25
O
Logic output, overcurrent response for OUT4
OUT4
26
O
Power switch output for downstream ports
OUT3
27
O
Power switch output for downstream ports
OUT2
28
O
Power switch output for downstream ports
OUT1
29
O
Power switch output for downstream ports
BP
30
I
Bus power voltage input, connect to VBUS
BP_DIS
31
I
Active-high logic input, disables autoswitch to bus power when self power is disconnected. Connect to BP
or GND
PG_DLY‡
32
Adjusts the PG time delay with a capacitor to ground. Adjust the pulsewidth to fit the application.
† Pin 12 is active low for TPS2070 and active high for TPS2071.
‡ Use the following formula to calculate the capacitance needed; C = (desired pulsewidth
× 3 × 10–6)/1.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com