Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7141R Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # AUIPS7141R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7141R Datasheet(HTML) 3 Page - Infineon Technologies AG

  AUIPS7141R Datasheet HTML 1Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 2Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 3Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 4Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 5Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 6Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 7Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 8Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AUIPS7141R
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. (Tambient=25°C unless
otherwise specified).
meter
Symbol
Para
Min.
Max.
Units
Vout
Maximum output voltage
Vcc-60 Vcc+0.3
V
Vcc-Vin max. Maximum Vcc voltage
-16
60
V
Iifb, max.
Maximum feedback current
-50
10
mA
Vcc sc.
Maximum Vcc voltage with short circuit protection see page 7
V
⎯
50
Maximum power dissipation (internally lim
rmal protection)
ited by the
Pd
Rth=50°C/W DPack 6cm² footprint
⎯
2.5
W
Tj max.
Max. storage & operating junction temperature
-40
150
°C
Thermal Characteristics
bol
p.
Max.
Units
Sym
Parameter
Ty
Rth1
Thermal resistance junction to ambient DPak Std footpri
70
⎯
nt
Rth2
junction to ambient Dpak 6cm² footp
50
⎯
Thermal resistance
rint
Rth3
Thermal resistance junction to case Dpak
4
⎯
°C/W
Recommended Operating Conditions
These values are given for a quick design.
Sym
in.
Max.
Units
bol
Parameter
M
Continuous output current, Tambient=85°C, Tj=125°C
Iout
A
Rth=50°C/W, Dpak 6cm² footprint
⎯
2.1
RIfb
Ifb resistor
1.5
⎯
k
Ω
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com