Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7141R Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # AUIPS7141R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7141R Datasheet(HTML) 4 Page - Infineon Technologies AG

  AUIPS7141R Datasheet HTML 1Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 2Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 3Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 4Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 5Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 6Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 7Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 8Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AUIPS7141R
Static Electrical Characteristics
meter
Min.
Typ.
Max.
Units
Test Conditions
Tj=25°C, Vcc=28V (unless otherwise specified)
Symbol
Para
Vcc op.
Operating voltage
6
⎯
60
V
ON state resistance Tj=25°C
⎯
75
100
Rds(on)
150°C(2)
⎯
135
180
m
Ω
ON state resistance Tj=
Id
A
s=2
Icc off
Supply leakage current
⎯
1
3
Iout off
Output leakage current
⎯
1
3
µA
V
cc /
=Vg
V
Vgn
in=V
Vifb
nd
out=
d
I in on
mA
Vcc-Vin=28V
Input current while on
0.6
1.6
3
V clamp1
cc to Vout clamp voltage 1
Id=10mA
V
60
64
⎯
V clamp2
65
72
Id=6A see fig. 2
Vcc to Vout clamp voltage 2
60
Vih(1)
High level Input threshold voltage
⎯
3
4.5
Id=10mA
Vil(1)
Low level Input threshold voltage
1.5
2.3
⎯
F
iode vol
orward body d
tage Tj=25°C
⎯
0.8
0.9
Vf
F
V
orward body diode voltage Tj=125°C
⎯
0.65
0.75
If=1A
(
t threshold
S
hing E
cc=28V, Resistive load=27 , Tj=25°C
in.
Typ.
Max.
Units
Test Conditions
1) Inpu
s are measured directly between the input pin and the tab.
witc
lectrical Characteristics
Ω
V
Symbol
Parameter
M
tdon
Turn on delay time to 20%
4
10
20
tr
Rise time from 20% to 80% of Vcc
2
5
10
µs
tdoff
T
80
urn off delay time
20
40
tf
F
µs
.
all time from 80% to 20% of Vcc
2.5
5
10
See fig 1
Protection Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold
150(2)
165
⎯
°C
See fig. 3 and fig.11
Isd
Over-current shutdown
20
25
35
A
See fig. 3 and page 6
I fault
Ifb after an over-current or an over-
temperature (latched)
2.7
3.3
4
mA
See fig. 3
Current Sensing Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ratio
I load / Ifb current ratio
2000
2400
2800
Iload=2A
Ratio_TC
I load / Ifb variation over temperature(2)
-5%
0
+5
%
Tj=-40°C to +150°C
I offset
Load current offset
-0.2
0
0.2
A
Iout<2A
Ifb leakage
Ifb leakage current On in open load
0
8
100
µA
Iout=0A
(2) Guaranteed by design
www.irf.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com