Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7141R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # AUIPS7141R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7141R Datasheet(HTML) 1 Page - Infineon Technologies AG

  AUIPS7141R Datasheet HTML 1Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 2Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 3Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 4Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 5Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 6Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 7Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 8Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
August, 27th 2009
Automotive grade
AUIPS7141R
www.irf.com
Subject to change without notice
1
CURRENT SENSE HIGH SIDE SWITCH
Features
•
Suitable for 24V systems
•
Over current shutdown
Over temperature shutdo
•
•
Current sensing
wn
/Off for EMI
amp
for trucks
is a fully protected four terminal high
•
Active clamp
•
Low current
•
ESD protection
•
Optimized Turn On
Applications
•
21W Filament l
•
Solenoid
•
24V loads
Description
The AUIPS7141R
side switch specifically designed for driving lamp. It
features current sensing, over-current, over-temperature,
ESD protection and drain to source active clamp. When
the input voltage Vcc - Vin is higher than the specified
threshold, the output power Mosfet is turned on. When the
Vcc - Vin is lower than the specified Vil threshold, the
output Mosfet is turned off. The Ifb pin is used for current
sensing. The over-current shutdown is higher than inrush
current of the lamp.
Product Summary
Rds(on)
100mΩ max.
Vclamp
65V
Current shutdown
20A min.
Packages
DPak
Typical Connection
Out
IPS
IN
2.5k
Vcc
Load
Battery
Input
Power
Ground
Ifb
Logic
Ground
Current feeback
10k
On
Off


Similar Part No. - AUIPS7141R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7141RTR IRF-AUIPS7141RTR Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7141RTRL IRF-AUIPS7141RTRL Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7141RTRR IRF-AUIPS7141RTRR Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
More results

Similar Description - AUIPS7141R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7121R IRF-AUIPS7121R Datasheet
355Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS6121R IRF-AUIPS6121R_15 Datasheet
749Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7111S IRF-AUIPS7111S_15 Datasheet
196Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125 IRF-AUIPS7125_15 Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7145R IRF-AUIPS7145R_15 Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS71451G IRF-AUIPS71451G_15 Datasheet
604Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS71451G INFINEON-AUIPS71451G Datasheet
604Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
AUIPS7145R INFINEON-AUIPS7145R Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
10/02/2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com