Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7141R Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # AUIPS7141R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7141R Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button AUIPS7141R Datasheet HTML 2Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 3Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 4Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 5Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 6Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 7Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 8Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 9Page - Infineon Technologies AG AUIPS7141R Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AUIPS7141R
Truth Table
Op. Conditions
Input
Output
Ifb pin voltage
Normal mode
H
L
0V
Normal mode
L
H
I load x Rfb / Ratio
Open load
H
L
0V
Open load
L
H
0V
Short circuit to GND
H
L
0V
Short circuit to GND
L
L
V fault (latched)
Over temperature
H
L
0V
Over temperature
L
L
V fault (latched)
Operating voltage
Maximum Vcc voltage : this is the maximum voltage before the breakdown of the IC process.
Operating voltage : This is the Vcc range in which the functionality of the part is guaranteed. The AEC-Q100 qualification
is run at the maximum operating voltage specified in the datasheet.
Reverse battery
During the reverse battery the Mosfet is kept off and the load current is flowing into the body diode of the power Mosfet.
Power dissipation in the IPS : P = I load * Vf
If the power dissipation is too high in Rifb, a diode in serial can be added to block the current.
The transistor used to pull-down the input should be a bipolar in order to block the reverse current. The 100ohm input
resistor can not sustain continuously 16V (see Vcc-Vin max. in the Absolute Maximum Ratings section)
Active clamp
The purpose of the active clamp is to limit the voltage across the MOSFET to a value below the body diode break down
voltage to reduce the amount of stress on the device during switching.
The temperature increase during active clamp can be estimated as follows:
)
t
(
Z
P
CLAMP
TH
CL
Tj
⋅
=
∆
Where:
)
t
(
Z
CLAMP
TH
is the thermal impedance at tCLAMP and can be read from the thermal impedance curves given in the
data sheets.
CLavg
CL
CL
I
V
P
⋅
=
: Power dissipation during active clamp
65V
V
CL =
: Typical VCLAMP value.
2
I
I
CL
CLavg =
: Average current during active clamp
dt
di
I
t
CL
CL =
: Active clamp duration
L
V
V
dt
di
CL
Battery −
=
: Demagnetization current
Figure 9 gives the maximum inductance versus the load current in the worst case : the part switches off after an over
temperature detection. If the load inductance exceeds the curve, a free wheeling diode is required.
Over-current protection
The threshold of the over-current protection is set in order to guarantee that the device is able to turn on a load with an
inrush current lower than the minimum of Isd. Nevertheless for high current and high temperature the device may switch
off for a lower current due to the over-temperature protection. This behavior is shown in Figure 11.
www.irf.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com