Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD1000AS Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FPD1000AS
Description  1W PACKAGED POWER PHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1000AS Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FPD1000AS Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FPD1000AS
1W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http:// www.filtronic.co.uk/semis
Revised: 05/26/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
TYPICAL RF PERFORMANCE (VDS = 10V IDS = 200mA
f = 1800 MHz):
Power Transfer Characteristic
15.00
17.00
19.00
21.00
23.00
25.00
27.00
29.00
31.00
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
Input Power (dBm)
-.50
.00
.50
1.00
1.50
2.00
2.50
3.00
3.50
Pout
Comp Point
Drain Efficiency and PAE
.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
Input Power (dBm)
.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
PAE
Eff.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com