Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD1000AS Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FPD1000AS
Description  1W PACKAGED POWER PHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1000AS Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FPD1000AS Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FPD1000AS
1W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http:// www.filtronic.co.uk/semis
Revised: 05/26/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
RECOMMENDED OPERATING BIAS CONDITIONS
Drain-Source Voltage:
From 5V to 10V
Quiescent Current:
From 25% IDSS to 55% IDSS
ABSOLUTE MAXIMUM RATINGS1
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain-Source Voltage
VDS
-3V < VGS < +0V
12
V
Gate-Source Voltage
VGS
0V < VDS < +8V
-3
V
Drain-Source Current
IDS
For VDS > 2V
IDSS
mA
Gate Current
IG
Forward / Reverse current
+20/-20
mA
RF Input Power2
PIN
Under any acceptable bias state
575
mW
Channel Operating Temperature
TCH
Under any acceptable bias state
175
ºC
Storage Temperature
TSTG
Non-Operating Storage
-40
150
ºC
Total Power Dissipation
PTOT
See De-Rating Note below
6.0
W
Gain Compression
Comp.
Under any bias conditions
5
dB
Simultaneous Combination of Limits3
2 or more Max. Limits
80
%
1TAmbient = 22°C unless otherwise noted
2Max. RF Input Limit must be further limited if input VSWR > 2.5:1
3Users should avoid exceeding 80% of 2 or more Limits simultaneously
Notes:
Operating conditions that exceed the Absolute Maximum Ratings will result in permanent damage to the device.
Total Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT, where:
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
Total Power Dissipation to be de-rated as follows above 22
°C:
PTOT= 3.5 - (0.04W/°C) x TPACK
where TPACK = source tab lead temperature above 22°C
(coefficient of de-rating formula is the Thermal Conductivity)
Example: For a 55
°C source lead temperature: PTOT = 6.0 - (0.04 x (55 – 22)) = 4.68W
For optimum heatsinking, metal-filled through (Source) via holes should be used directly below the central
metallized ground pad on the bottom of the package.
Note on Thermal Resistivity: The nominal value of 25
°C/W is measured with the package mounted on a large
heatsink with thermal compound to ensure adequate (unsoldered) contact. The package temperature is referred to
the Source leads.
HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. This product has be tested to Class 1A (> 250V but < 500V) using JESD22 A114, Human
Body Model, and to Class A, (< 200V) using JESD22 A115, Machine Model.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com