Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD1000AS Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FPD1000AS
Description  1W PACKAGED POWER PHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1000AS Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FPD1000AS Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FPD1000AS
1W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http:// www.filtronic.co.uk/semis
Revised: 05/26/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
Note: Graph above shows Input and Output power as single carrier or single-tone levels.
IM Products vs. Input Power
17.00
19.00
21.00
23.00
25.00
27.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
11.00
12.00
Input Power (dBm)
-55.00
-50.00
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
Pout
Im3, dBc
10.0
5.0
3.0
4.0
-0.2
-0
.4
FPD1000AS IP3 CONTOURS 1800 MHz
Swp Max
222
Swp Min
1
46 dBm
44 dBm
42 dBm
40 dBm
48 dBm
NOTE:
IP3 contours generated with PIN = 11dB
back-off from P1dB. Local maxima for best
linearity located at:
ΓL = 40 + j55 Ω and ΓL = 113 + j70 Ω
with
ΓS = 15 + j12 Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com