Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD1000AS Datasheet(PDF) 8 Page - Filtronic Compound Semiconductors

Part # FPD1000AS
Description  1W PACKAGED POWER PHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1000AS Datasheet(HTML) 8 Page - Filtronic Compound Semiconductors

  FPD1000AS Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
FPD1000AS
1W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http:// www.filtronic.co.uk/semis
Revised: 05/26/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
STANDARD EVALUATION BOARD (1.70-1.85 GHZ):
See Website for complete list of Evaluation Boards
NOTE: AutoCAD
 drawing available on Website. (Model EL-BD-000011-006-A)
BILL OF MATERIALS
Designator
Manufacturer’s Part Number
Description
Quantity
C1
ATC600S3R9CW250
Capacitor, 3.9 pF, 0603, ATC 600, tol. +0.25pF
1
C2
ATC600S5R6CW250
Capacitor, 5.6 pF, 0603, ATC 600, tol. +0.25pF
1
C3
Deleted
C4
ATC600S330JW250
Capacitor, 33 pF, 0603, ATC 600, tol. +5%
1
C5
ATC600S330JW250
Capacitor, 33 pF, 0603, ATC 600, tol. +5%
1
C6
T491B105M035AS7015
Capacitor, 1 mF, SMD-B, Kemet, tol. +20%
1
C7
ATC600S680JW250
Capacitor, 68 pF, 0603, ATC 600
1
C8
T491B105M035AS7015
Capacitor, 1 mF, SMD-B, Kemet, tol. +20%
1
C9
ATC600S2R0BW250
Capacitor, 2 pF, 0603, ATC 600, tol. +0.1pF
1
L1
0604HQ-1N1
Inductor, 1.1 nH, Coilcraft High Q Surface
1
L2
0604HQ-1N1
Inductor, 1.1 nH, Coilcraft High Q Surface
1
R1
RCI-0402-27R0J
Resistor, 27 W, 0402, IMS, tol. +5%
1
R2
RCI-0603-12R0J
Resistor, 12 W, 0603, IMS, tol. +5%
1
Q1
FPD1000AS
1w Packaged Power pHEMT, Filtronic
1
PC-SP-000010-006
PCB, Rogers R04003, 0.012”(0.3mm), 0.5oz. Cu
1
TF-SP-000012
Carrier
1
142-0711-841
Connector, RF, SMA End Launch, Jack Assy,
2
AMP-103185-2
Connector, DC, 0.100 on center, 0.025 sq. posts,
2
TF-SP-000003
Center Block for P100 Package
1
Screw, #0-80
8
NOTE: 10-12 mil (0.3mm) plated thru vias used; vias under Q1 should be filled with Dupont CB100 conductive via
plugging material in order to achieve optimal heatsinking.
C7
C8
C6
L1
C5
R2
L2
C1
C2
R1
Q1
C4
C9
RF
INPUT
RF
OUTPUT
VDD = +10V
VGG
≈ -0.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com