Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX3 Datasheet(PDF) 3 Page - AZ Displays

Part # PD035VX3
Description  Color TFT LCD module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX3 Datasheet(HTML) 3 Page - AZ Displays

  PD035VX3 Datasheet HTML 1Page - AZ Displays PD035VX3 Datasheet HTML 2Page - AZ Displays PD035VX3 Datasheet HTML 3Page - AZ Displays PD035VX3 Datasheet HTML 4Page - AZ Displays PD035VX3 Datasheet HTML 5Page - AZ Displays PD035VX3 Datasheet HTML 6Page - AZ Displays PD035VX3 Datasheet HTML 7Page - AZ Displays PD035VX3 Datasheet HTML 8Page - AZ Displays PD035VX3 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
PD035VX3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:3
1. Application
This data sheet applies to a color TFT LCD module, PD035VX3.
The application of panel are projector and other media application which require high
quality flat panel display.
2. Features
. Amorphous silicon TFT LCD panel with LED B/L.
. Module with resistive type touch panel .
. Pixel in stripe configuration
. Display Colors:262,144 colors
. Optimum Viewing Direction:6 o’clock
. TTL transmission interface
3.Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
3.5 (diagonal)
inch
Display Format
640×(R, G, B)×480
dot
Display Colors
262,144
Active Area
72 (H)×52.56 (V)
mm
Pixel Pitch
0.1125 (H)×0.1095 (V)
mm
Pixel Configuration
Stripe
Outline Dimension
84.25 (W)×65.40 (H)×4.45 (D) (Typ.)
mm
Weight
52±5
g
Surface treatment
AG
Surface treatment of Touch Panel
3H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com