Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX3 Datasheet(PDF) 10 Page - AZ Displays

Part # PD035VX3
Description  Color TFT LCD module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX3 Datasheet(HTML) 10 Page - AZ Displays

Back Button PD035VX3 Datasheet HTML 6Page - AZ Displays PD035VX3 Datasheet HTML 7Page - AZ Displays PD035VX3 Datasheet HTML 8Page - AZ Displays PD035VX3 Datasheet HTML 9Page - AZ Displays PD035VX3 Datasheet HTML 10Page - AZ Displays PD035VX3 Datasheet HTML 11Page - AZ Displays PD035VX3 Datasheet HTML 12Page - AZ Displays PD035VX3 Datasheet HTML 13Page - AZ Displays PD035VX3 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
PD035VX3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:10
Supply Current for Source Driver (Analog)
IDD2
VDD2=+10V 16.0
30.0
mA
Supply Current for Gate Driver (Digital)
ICC
VCC=+3.3V
0.17
0.21
mA
LCD Panel Power Consumption
180
332
mW
Backlight Power Consumption
PLED
384
456
mW
Total Power Consumption
564
788
mW
9. Pixel Arrangement
The LCD module pixel arrangement is the stripe.
3rd Line
2nd Line
1st Line
480th Line
1st Pixel
640th Pixel
1 Pixel =
B
B
B
R
R
R
G
G
G
B
B
B
R
R
R
G
G
G
B
B
B
R
R
R
G
G
G
R
B
G
R
B
G
R
B
G
479 th Line
478th Line
R
B
G
R
B
G
R
B
G
R
B
G
R
B
G
R
B
G
R
B
G
10. Display Color and Gray Scale Reference
Input Color Data
Color
Red
Green
Blue
R5 R4 R3 R2 R1 R0 G5 G4 G3 G2 G1 G0 B5 B4 B3 B2 B1 B0
Black
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Red (63)
1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com