Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX3 Datasheet(PDF) 5 Page - AZ Displays

Part # PD035VX3
Description  Color TFT LCD module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX3 Datasheet(HTML) 5 Page - AZ Displays

  PD035VX3 Datasheet HTML 1Page - AZ Displays PD035VX3 Datasheet HTML 2Page - AZ Displays PD035VX3 Datasheet HTML 3Page - AZ Displays PD035VX3 Datasheet HTML 4Page - AZ Displays PD035VX3 Datasheet HTML 5Page - AZ Displays PD035VX3 Datasheet HTML 6Page - AZ Displays PD035VX3 Datasheet HTML 7Page - AZ Displays PD035VX3 Datasheet HTML 8Page - AZ Displays PD035VX3 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
PD035VX3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:5
5.Input / Output Terminals
Pin No.
Symbol
I/O
Function
Remark
1
DIO1
I/O
Horizontal Start Pulse Signal Input or Output 1
Note5 - 1
2
VSS2
I
Ground
3
VDD1
I
Power Supply
4
CLK
I
Horizontal Shift Clock
5
R/L
I
Left/Right Selection
Note 5 - 1
6
R0
I
Red Data (LSB)
7
R1
I
Red Data
8
R2
I
Red Data
9
R3
I
Red Data
10
R4
I
Red Data
11
R5
I
Red Data (MSB)
12
VSS2
I
Ground
13
G0
I
Green Data (LSB)
14
G1
I
Green Data
15
G2
I
Green Data
16
G3
I
Green Data
17
G4
I
Green Data
18
G5
I
Green Data (MSB)
19
B0
I
Blue Data (LSB)
20
B1
I
Blue Data
21
B2
I
Blue Data
22
B3
I
Blue Data
23
B4
I
Blue Data
24
B5
I
Blue Data (MSB)
25
LD
I
Load output signal
Note5 - 2
26
REV
I
Data invert control
Note5 - 3
27
POL
I
Polarity selection
Note5 - 4
28
DIO2
I/O
Horizontal Start Pulse Signal Input or Output
Note5 - 1
29
VSS2
I
Ground
30
V3
I
Gamma Voltage 3
Note5 - 5
31
V5
I
Gamma Voltage 5
Note5 - 5
32
V7
I
Gamma Voltage 7
Note5 - 5
33
V8
I
Gamma Voltage 8
Note5 - 5
34
V10
I
Gamma Voltage 10
Note5 - 5
35
V12
I
Gamma Voltage 12
Note5 - 5
36
VSS2
I
Ground
37
VDD2
I
Voltage for analog circuit
Note5 - 5
38
VCOM
I
Common Voltage
39
OE
I
Output Enable
Note5 - 6
40
U/D
I
Up/Down Selection
Note 5 - 7
41
CKV
I
Vertical Shift Clock
Note5 - 8
42
STVU
I/O
Vertical Shift Pulse Signal Input or Output
Note5 - 7
43
STVD
I/O
Vertical Shift Pulse Signal Input or Output
Note5 - 7
44
VGG
I
Gate On Voltage
Note5 - 9
45
VSS1
I
Ground
46
VCC
I
Voltage for logic circuit
47
VEE
I
Gate Off Voltage
Note5 - 10
48
VLED
-
Supply voltage for LED backlight
Note5 - 11
49
GLED2
-
Ground for LED backlight
50
GLED1
-
Ground for LED backlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com